Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSP1027 Datasheet (PDF) - Agere Systems

CSP1027 Datasheet PDF - Agere Systems
Part # CSP1027
Download  CSP1027 Download
File Size   937.62 Kbytes
Page   64 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description CSP1027 Voice Band Codec for Cellular Handset and Modem Applications

CSP1027 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSP1027 Datasheet PDF - Agere Systems

Part # CSP1027
Download  CSP1027 Click to download

File Size   937.62 Kbytes
Page   64 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description CSP1027 Voice Band Codec for Cellular Handset and Modem Applications

CSP1027 Datasheet (HTML) - Agere Systems


CSP1027 Product details

Introduction
The DSP1648C, host-accelerated modem chip is an exciting new upgrade to Agere Systems Inc. line of host-based controller modems. The DSP1648C upgrades the technologies found in the DSP1648 V.90 modem solution to the new ITU-T recommendations V.92 and V.44 communication industry standards. V.92 and V.44 have four innovative features, designed to improve modem performance in the internet environment. The new features are as follows:

■ Modem fast connect: faster start-up times.
■ Modem on hold†: switch between modem and an incoming phone call without losing the data connection.
■ PCM upstream: send data to central site at rates approaching 48 kbits/s.
■ Data compression enhancement focused on todays internet traffic.

Features
■ Two chip 3.3 V PCI modem solution with 5 V tolerant buffers
■ Data mode capabilities:
   — ITU-T V.92*: 56000 bits/s—28000 bits/s
   — ITU-T V.90*: 56000 bits/s—28000 bits/s
   — ITU-T V.34: 33600 bits/s—2400 bits/s
   — V.32bis, and fallbacks
   — V.42 and MNP ™ error correction (LAPM)
   — V.44, V.42bis and MNP Class 5 data compression
■ FAX mode capabilities:
   — ITU-T V.17, V.29, V.27ter, and V.21 Ch 2
   — ITU-T T.31 Class 1 FAX
■ Compatible with transformer-based and silicon DAA circuits:
   — High-precision sigma-delta codec (CSP1034C)
   — Line-powered silicon DAA (CSP1035A)
■ Enhanced voice features:
   — Full-duplex speakerphone (requires CSP1027 audio codec)
   — Telephone answering machine (TAM)
   — Caller identification (caller-ID)
■ V.80 video-ready interface
■ Bit I/Os to support domestic and international DAAs
■ Low power consumption
■ Flexible power management modes
■ Operating system support:
   — Windows ® 95, 98, 2000, Windows NT ® 4.0, Windows ME, and Windows XP
   — Linux ®
   — PC 2001 compliant




Similar Part No. - CSP1027

ManufacturerPart #DatasheetDescription
logo
Agere Systems
CSP1027 AGERE-CSP1027 Datasheet
48Kb / 4P
Host-Based Controller V.92 Modem Chip Set
September 2001
More results


Similar Description - CSP1027

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9704M WOLFSON-WM9704M Datasheet
270Kb / 37P
AMC97 Audio and Modem Codec
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Hynix Semiconductor
GM0936TQ HYNIX-GM0936TQ Datasheet
125Kb / 21P
Voice-Band Audio CODEC for CDMA
logo
Skyworks Solutions Inc.
SKY74073 SKYWORKS-SKY74073 Datasheet
78Kb / 2P
SKY74073: Dual-Band SPR??Module for GSM and GPRS Handset Applications
SKY74076 SKYWORKS-SKY74076 Datasheet
57Kb / 2P
Receiver for Dual-Band CDMA and GPS Mobile Handset Applications
SKY74067-21 SKYWORKS-SKY74067-21 Datasheet
184Kb / 10P
Dual-Band CDMA2000 Transmitter for Cellular CDMA and PCS Femtocell Applications
logo
CML Microcircuits
FX812 CMLMICRO-FX812 Datasheet
480Kb / 13P
VOICE STORE AND RETRIEVE CODEC
logo
Texas Instruments
PCM3500 TI1-PCM3500_08 Datasheet
401Kb / 30P
VOICE/MODEM CODEC
PCM3501 TI1-PCM3501_08 Datasheet
384Kb / 28P
VOICE/MODEM CODEC
logo
IXYS Corporation
CPC5750 IXYS-CPC5750 Datasheet
467Kb / 37P
Single-Channel Voice Band CODEC
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com