Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D171 Datasheet (PDF) - Agere Systems

D171 Datasheet PDF - Agere Systems
Part # D171
Download  D171 Download
File Size   160.33 Kbytes
Page   6 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description D171-Type FastLight ??PIN Photodetectors

D171 Datasheet (PDF)

Go To PDF Page Download Datasheet
D171 Datasheet PDF - Agere Systems

Part # D171
Download  D171 Click to download

File Size   160.33 Kbytes
Page   6 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description D171-Type FastLight ??PIN Photodetectors

D171 Datasheet (HTML) - Agere Systems


D171 Product details

Description
The D171-Type Photodetector consists of a PIN coupled to a multimode fiber pigail. The device is available  in a 4-pin mini-DIL configuration (see Figure 3 and/or  Table 1) and is ideal for long-reach (SONET) and other  high-speed digital applications.
The D171-Type PIN Photodetector is a rear-illuminated  planar diode structure with a low-capacitance active  area for maximum responsivity and speed.
This device incorporates the new Laser 2000 manufacturing process from the Optoelectronics Products unit  of Lucent Technologies Microelectronics Group. Laser  2000 is a low-cost platform that targets high-volume  manufacturing and tight product distributions on all  optical subassemblies. This platform incorporates an  advanced optical design that is produced on Opto’s  highly automated production lines. The Laser 2000  platform is qualified for central office and uncontrolled  environments, and can be used for applications requiring high perfomance and low cost.

Features
■ Low-profil e, 4-lead mini-DIL pa ckage
   — Suita ble for SONET applications
■ High per formance
   — High speed (<0.5 ns typical  rise and  fall time)
   — High responsivity (0.85 A/W typical)
   — Low dark current
■ Planar st ructure  for high reliability
■ Wavelength : 1.1  µm—1.6 µm
■ 50 µm core multimode fiber
■ Wide operating temperature range :
   –40 °C to +85 °C
■ Wide bandwidth
■ Qualification program : Bellcor e TA-NWT-983

Applications
■ Long-reach SONET OC-3/OC-12 systems and  SDH STM-1/STM-4 systems
■ Secure digital data systems




Similar Part No. - D171

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
D1710 SAVANTIC-D1710 Datasheet
148Kb / 3P
Silicon NPN Power Transistors
logo
Sanyo Semicon Device
D1710C SANYO-D1710C Datasheet
59Kb / 4P
NPN Triple Diffused Planar Silicon Transistor 500V / 7A Switching Regulator Applications
logo
Savantic, Inc.
D1711 SAVANTIC-D1711 Datasheet
130Kb / 3P
Silicon NPN Power Transistors
logo
NEC
D17133CS NEC-D17133CS Datasheet
1Mb / 289P
4-BIT SINGLE-CHIP MICROCONTROLLER
D1719G NEC-D1719G Datasheet
1Mb / 14P
INTERNAL PRESCALER PLL SYNTHESIZER AND LCD DRIVER MICROCONTROLLER
More results


Similar Description - D171

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
C30807 PERKINELMER-C30807 Datasheet
140Kb / 5P
N-Type Silicon PIN Photodetectors
logo
Agere Systems
A371 AGERE-A371 Datasheet
168Kb / 8P
A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
January 1999
D571 AGERE-D571 Datasheet
200Kb / 8P
D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
April 2000
logo
Hamamatsu Corporation
G4176 HAMAMATSU-G4176 Datasheet
117Kb / 4P
ULTRAFAST MSM PHOTODETECTORS
logo
List of Unclassifed Man...
OSD1-E ETC1-OSD1-E Datasheet
138Kb / 2P
Silicon Photodetectors
OSD100-E ETC1-OSD100-E Datasheet
934Kb / 2P
SILICON PHOTODETECTORS
logo
Advanced Photonix, Inc.
SD004-11-41-211 ADVANCEDPHOTONIX-SD004-11-41-211 Datasheet
137Kb / 1P
InGaAs Photodetectors
SD008-11-41-211 ADVANCEDPHOTONIX-SD008-11-41-211 Datasheet
69Kb / 1P
InGaAs Photodetectors
SD012-11-41-211 ADVANCEDPHOTONIX-SD012-11-41-211 Datasheet
96Kb / 1P
InGaAs Photodetectors
SD060-11-41-211 ADVANCEDPHOTONIX-SD060-11-41-211 Datasheet
113Kb / 1P
InGaAs Photodetectors
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com