Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FW801A Datasheet (PDF) - Agere Systems

FW801A Datasheet PDF - Agere Systems
Part # FW801A
Download  FW801A Download
File Size   378.49 Kbytes
Page   24 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Low-Power PHY IEEE 1394A-2000 One-Cable Transceiver/Arbiter Device

FW801A Datasheet (PDF)

Go To PDF Page Download Datasheet
FW801A Datasheet PDF - Agere Systems

Part # FW801A
Download  FW801A Click to download

File Size   378.49 Kbytes
Page   24 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Low-Power PHY IEEE 1394A-2000 One-Cable Transceiver/Arbiter Device

FW801A Datasheet (HTML) - Agere Systems


FW801A Product details

Description
The Agere Systems Inc. FW801A device provides the analog physical layer functions needed to implement a one-port node in a cable-based IEEE 1394-1995 and IEEE 1394a-2000 network.

Distinguishing Features
■ Compliant with IEEE Standard 1394a-2000, IEEE Standard for a High Performance Serial Bus Amendment 1.
■ Low power consumption during powerdown or microlow-power sleep mode.
■ Supports extended BIAS_HANDSHAKE time for enhanced interoperability with camcorders.
■ While unpowered and connected to the bus, will not drive TPBIAS on the connected port even if receiving incoming bias voltage on the port.
■ Does not require external filter capacitors for PLL.
■ Does not require a separate 5 V supply for 5 V link controller interoperability.
■ Interoperable across 1394 cable with 1394 physical layers (PHY) using 5 V supplies.
■ Interoperable with 1394 link-layer controllers using 5 V supplies.
■ 1394a-2000 compliant common mode noise filter on incoming TPBIAS.
■ Powerdown features to conserve energy in battery-powered applications include:
    — Device powerdown pin.
    — Link interface disable using LPS.
    — Inactive ports power down.
    — Automatic microlow-power sleep mode during suspend.

Features
■ Provides one fully compliant cable port at 100 Mbits/s, 200 Mbits/s, and 400 Mbits/s.
■ Fully supports OHCI requirements.
■ Supports arbitrated short bus reset to improve utilization of the bus.
■ Supports ack-accelerated arbitration and fly-by concatenation.
■ Supports connection debounce.
■ Supports multispeed packet concatenation.
■ Supports PHY pinging and remote PHY access packets.
■ Fully supports suspend/resume.
■ Supports PHY-link interface initialization and reset.
■ Supports 1394a-2000 register set.
■ Supports LPS/link-on as a part of PHY-link interface.
■ Supports provisions of IEEE 1394-1995 Standard for a High Performance Serial Bus.
■ Fully interoperable with FireWire† implementation of IEEE 1394-1995.
■ Reports cable power fail interrupt when voltage at CPS pin falls below 7.5 V.
■ Separate cable bias and driver termination voltage supply for the port.
■ Meets Intel‡ Mobile Power Guideline 2000.

Other Features
■ 48-pin TQFP package.
■ Single 3.3 V supply operation.
■ Data interface to link-layer controller provided through 2/4/8 parallel lines at 50 Mbits/s.
■ 25 MHz crystal oscillator and PLL provide transmit/ receive data at 100 Mbits/s, 200 Mbits/s, and 400 Mbits/s, and link-layer controller clock at 50 MHz.
■ Node power-class information signaling for system power management.
■ Multiple separate package signals provided for analog and digital supplies and grounds.




Similar Part No. - FW801A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
FW801 AGERE-FW801 Datasheet
369Kb / 22P
One-Cable Transceiver/Arbiter Device
Rev. 1 June 2001
FW801BF AGERE-FW801BF Datasheet
550Kb / 26P
Low-Power PHY 1394a-2000 One-Cable Transceiver/Arbiter Device
January 2005
FW801BF-09-DB AGERE-FW801BF-09-DB Datasheet
550Kb / 26P
Low-Power PHY 1394a-2000 One-Cable Transceiver/Arbiter Device
January 2005
More results


Similar Description - FW801A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
FW802A AGERE-FW802A Datasheet
397Kb / 24P
Low-Power PHY IEEE 1394A-2000 Two-Cable Transceiver/Arbiter Device
Rev. 3 June 2001
FW803 AGERE-FW803 Datasheet
395Kb / 24P
PHY IEEE 1394A Three-Cable Transceiver/Arbiter Device
Rev. 3 June 2001
FW804 AGERE-FW804 Datasheet
398Kb / 24P
PHY IEEE 1394A Four-Cable Transceiver/Arbiter Device
Rev. 3 June 2001
logo
Texas Instruments
TSB41AB1 TI-TSB41AB1 Datasheet
1Mb / 60P
IEEE 1394A 2000 ONE PORT CABLE TRANSCEIVER/ARBITER
logo
Agere Systems
FW802C AGERE-FW802C Datasheet
301Kb / 24P
FW 802C LOW - POWER IEEE 1394A-2000 TWO CABLE TRANSCEIVER/ ARBITER DEVICE
Rev. 1 October 2002
FW801BF AGERE-FW801BF Datasheet
550Kb / 26P
Low-Power PHY 1394a-2000 One-Cable Transceiver/Arbiter Device
January 2005
FW802B AGERE-FW802B Datasheet
340Kb / 26P
Low-Power PHY IEEE짰 1394A-2000 Two-Cable Transceiver/Arbiter Device
May 2004
FW802BF AGERE-FW802BF Datasheet
529Kb / 26P
Low-Power PHY 1394a-2000 Two-Cable Transceiver/Arbiter Device
January 2005
logo
Texas Instruments
TSB41AB1 TI1-TSB41AB1_14 Datasheet
1Mb / 71P
IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI1-TSB41AB1_19 Datasheet
1Mb / 72P
IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com