Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8567 Datasheet (PDF) - Agere Systems

L8567 Datasheet PDF - Agere Systems
Part # L8567
Download  L8567 Download
File Size   701.91 Kbytes
Page   42 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description SLIC for Peoples Republic of China Applications

L8567 Datasheet (PDF)

Go To PDF Page Download Datasheet
L8567 Datasheet PDF - Agere Systems

Part # L8567
Download  L8567 Click to download

File Size   701.91 Kbytes
Page   42 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description SLIC for Peoples Republic of China Applications

L8567 Datasheet (HTML) - Agere Systems


L8567 Product details

Description
General
This electronic subscriber loop interface circuit (SLIC) is optimized for low cost and low power consumption while providing a full-feature set.
Included in the feature set is quiet reverse battery. Quiet polarity reversal is possible because the ac path is uninterrupted during transmission. The dc loop current limit is user-adjustable via a single external resistor. The maximum battery voltage is specified as –65 V for long loop applications. The L8567 supports on-hook transmission.

Features
■ Low active power (typical 149 mW during on-hook transmission)
■ Sleep state for low idle power (47 mW typical)
■ Quiet tip/ring polarity reversal
■ Distortion-free on-hook transmission
■ –35 V to –65 V battery operation
■ Convenient operating states:
    — Forward active
    — Polarity reversal active
    — Sleep
    — Forward disconnect
■ Supervision functions:
    — Fixed threshold off-hook detector with longitudinal rejection and hysteresis
    — Ring trip detector
    — Thermal shutdown indication
■ Adjustable loop current limit
■ Three driver outputs for relay driver
■ LED driver output to indicate off-hook
■ Latched parallel data interface
■ Battery and +5 V required:
    — Optional auxiliary lower voltage battery to reduce short loop power
■ –40 °C to +85 °C operational temperature range
■ User-selectable power management techniques
■ Thermal protection
■ 32-pin PLCC or 44-pin PLCC packaging




Similar Part No. - L8567

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
Low-Power SLIC with Ringing
April 2000
logo
Unisonic Technologies
L8561 UTC-L8561 Datasheet
224Kb / 5P
POWER FACTOR CORRECTOR
L8561 UTC-L8561 Datasheet
268Kb / 6P
POWER FACTOR CORRECTOR
L8561 UTC-L8561 Datasheet
254Kb / 6P
POWER FACTOR CORRECTOR
L8561G-D08-T UTC-L8561G-D08-T Datasheet
224Kb / 5P
POWER FACTOR CORRECTOR
More results


Similar Description - L8567

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC30R80 STMICROELECTRONICS-STLC30R80 Datasheet
172Kb / 13P
INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
Nov-2001
logo
Agere Systems
L9500A AGERE-L9500A Datasheet
616Kb / 32P
High-Voltage Ringing SLIC for VolP Applications
September 2001
logo
STMicroelectronics
STLC30R81 STMICROELECTRONICS-STLC30R81 Datasheet
250Kb / 17P
INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
Jan-2006
logo
Exar Corporation
XRT91L34IVF EXAR-XRT91L34IVF Datasheet
166Kb / 2P
China RoHS Fully Compliant
logo
CUI INC
SMI-CN-1 CUI-SMI-CN-1 Datasheet
236Kb / 2P
CHINA BLADE
SMI-CN-3 CUI-SMI-CN-3 Datasheet
578Kb / 2P
CHINA BLADE
SMI-CN-3L CUI-SMI-CN-3L Datasheet
306Kb / 2P
CHINA BLADE
SMI-CN-5 CUI-SMI-CN-5 Datasheet
330Kb / 2P
CHINA BLADE
SMI-CN-3L-W CUI-SMI-CN-3L-W Datasheet
245Kb / 2P
CHINA BLADE
12/15/2020
SMI-CN-3 CUI-SMI-CN-3_V01 Datasheet
552Kb / 2P
CHINA BLADE
06/20/2019
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com