Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GR202 Datasheet (PDF) - Seoul Semiconductor

GR202 Datasheet PDF - Seoul Semiconductor
Part # GR202
Download  GR202 Download
File Size   277.14 Kbytes
Page   13 Pages
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor
Description 3.0*1.5*1.4 mm Inner Lens type Peak Wavelength: 570nm

GR202 Datasheet (PDF)

Go To PDF Page Download Datasheet
GR202 Datasheet PDF - Seoul Semiconductor

Part # GR202
Download  GR202 Click to download

File Size   277.14 Kbytes
Page   13 Pages
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor
Description 3.0*1.5*1.4 mm Inner Lens type Peak Wavelength: 570nm

GR202 Datasheet (HTML) - Seoul Semiconductor




Similar Part No. - GR202

ManufacturerPart #DatasheetDescription
logo
DACO SEMICONDUCTOR CO.,...
GR202G DACO-GR202G Datasheet
864Kb / 2P
GLASS PASSIVATED RECTIFIERS
More results


Similar Description - GR202

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEC1G03C SANKEN-SEC1G03C Datasheet
416Kb / 1P
3 횞 1.5 Surface Mount Infrared LEDs (Inner Lens Type)
SEC1001 SANKEN-SEC1001_08 Datasheet
427Kb / 2P
3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
SEC1003 SANKEN-SEC1003_08 Datasheet
426Kb / 2P
3.0 횞 1.5 Surface Mount LEDs (Inner Lens Type)
logo
Marktech Corporate
MTE2057M3A_UYG MARKTECH-MTE2057M3A_UYG Datasheet
530Kb / 2P
Peak Emission Wavelength: 570nm
logo
Seoul Semiconductor
HB1701 SEOUL-HB1701 Datasheet
386Kb / 12P
2.1*0.6*0.88 mm Inner Lens type Wavelength: 465 nm
logo
Roithner LaserTechnik G...
RLA4116 ROITHNER-RLA4116 Datasheet
1Mb / 3P
peak wavelength
logo
STANLEY ELECTRIC CO.,LT...
HDN1102W-TR STANLEY-HDN1102W-TR Datasheet
541Kb / 22P
3.0 x 1.5 size, with Inner Lens Infrared emitting diode
DNK1101W STANLEY-DNK1101W Datasheet
544Kb / 14P
Surface Mount IRED/Inner Lens Type
DN1102W STANLEY-DN1102W Datasheet
193Kb / 10P
Surface Mount IRED/Inner Lens Type
logo
LUMEX INC.
SML-LXL1206GC-TR LUMEX-SML-LXL1206GC-TR Datasheet
421Kb / 2P
3(L)*1.5(W)*1.5(H)mm, PCB SML WITH LENS, 570nm YELLOW GREEN LED, WATER CLEAR LENS, TAPE & REEL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com