Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCK4950 Datasheet (PDF) - Agere Systems

LCK4950 Datasheet PDF - Agere Systems
Part # LCK4950
Download  LCK4950 Download
File Size   215.76 Kbytes
Page   16 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Low-Voltage PLL Clock Driver

LCK4950 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCK4950 Datasheet PDF - Agere Systems

Part # LCK4950
Download  LCK4950 Click to download

File Size   215.76 Kbytes
Page   16 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Low-Voltage PLL Clock Driver

LCK4950 Datasheet (HTML) - Agere Systems


LCK4950 Product details

Description
The LCK4950 is a PLL-based clock driver device intended for high-performance clock tree designs. The LCK4950 is 3.3 V compatible with output frequencies of up to 180 MHz and output skews of 200 ps. The LCK4950 can accommodate the most demanding tree designs by employing a fully differential PLL design. This minimizes cycle-to-cycle jitter, which is critical when the device is acting as the reference clock for PLLs in today’s microprocessors and ASICs. The device has nine low-skew configurable outputs for support of the clocking needs of the various high-performance microprocessors.

Features
■ Fully integrated phase-locked loop (PLL)
■ Oscillator or crystal reference input
■ Output frequency up to 180 MHz
■ Outputs disable in high impedance
■ Compatible with PowerPC®, Intel®, and highperformance RISC microprocessors
■ TQFP packaging
■ Output frequency configurable
■ ±35 ps typical cycle-to-cycle jitter
■ Pin compatible with the Motorola® MPC950 clock driver




Similar Part No. - LCK4950

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LCK4953 AGERE-LCK4953 Datasheet
98Kb / 6P
Low-Voltage PLL Clock Driver
November 2001
More results


Similar Description - LCK4950

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Integrated Device Techn...
IDT5V9351 IDT-IDT5V9351 Datasheet
85Kb / 10P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
Low-Voltage PLL Clock Driver
April 20, 2004
logo
Pericom Semiconductor C...
PI6C2952 PERICOM-PI6C2952 Datasheet
72Kb / 6P
Low Voltage PLL Clock Driver
logo
Renesas Technology Corp
MPC9350 RENESAS-MPC9350 Datasheet
478Kb / 13P
Low Voltage PLL Clock Driver
2019
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com