Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG1626DXC Datasheet (PDF) - Agere Systems

LG1626DXC Datasheet PDF - Agere Systems
Part # LG1626DXC
Download  LG1626DXC Download
File Size   264.2 Kbytes
Page   10 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description LG1626DXC Modulator Driver

LG1626DXC Datasheet (PDF)

Go To PDF Page Download Datasheet
LG1626DXC Datasheet PDF - Agere Systems

Part # LG1626DXC
Download  LG1626DXC Click to download

File Size   264.2 Kbytes
Page   10 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description LG1626DXC Modulator Driver

LG1626DXC Datasheet (HTML) - Agere Systems


LG1626DXC Product details

Functional Description
The LG1626DXC is a gallium-arsenide (GaAs) intergrated circuit used to provide voltages to drive optical modulators in high-speed non-return-to-zero (NRZ) transmission systems. The device is made in a high performance 0.9 µm gate GaAs hetero-junction FET technology that utilizes high-density MIM capacitors, airbridge interconnect, and NiCr film precision resistors.

Features
■ High data-rate optical modulator driver
■ Adjustable output voltage up to 3 Vp-p (RL = 50 Ω)
■ Adjustable modulator dc offset
■ Operation up to 3 Gbits/s
■ Single ended or differential inputs
■ Single –5.2 V power supply
■ 90 ps rise and fall times
■ Enable control

Applications
■ SONET/SDM transmission systems
■ SONET/SDM test equipment
■ Optical transmitters




Similar Part No. - LG1626DXC

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LG1625AXF AGERE-LG1625AXF Datasheet
363Kb / 12P
LG1625AXF Laser Driver
June 1999
LG1627BXC AGERE-LG1627BXC Datasheet
921Kb / 10P
LG1627BXC Clocked Laser Driver
May 2001
LG1628AXA AGERE-LG1628AXA Datasheet
242Kb / 12P
LG1628AXA SONET/SDH 2.488 Gbits/s Transimpedance Amplifier
January 1998
More results


Similar Description - LG1626DXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3520 TI-TRF3520 Datasheet
284Kb / 17P
GSM RF MODULATOR/DRIVER AMPLIFIER
logo
Filtronic Compound Semi...
MAX002 FILTRONIC-MAX002 Datasheet
41Kb / 2P
Optical Communications - Modulator Driver Amplifier
logo
Maxim Integrated Produc...
MAX3942 MAXIM-MAX3942 Datasheet
227Kb / 10P
10Gbps Modulator Driver
Rev 1; 6/07
logo
OKI electronic componet...
KGL4115HW-R OKI-KGL4115HW-R Datasheet
139Kb / 7P
11.1 Gbps Modulator Driver IC
logo
Texas Instruments
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
11.3 Gbps Modulator Driver
logo
TriQuint Semiconductor
TGA4807 TRIQUINT-TGA4807 Datasheet
635Kb / 12P
10.7Gb/s Modulator Driver Amplifier
logo
M/A-COM Technology Solu...
MAOM-010567-V1 MA-COM-MAOM-010567-V1 Datasheet
1Mb / 9P
Optical Modulator Driver
logo
TriQuint Semiconductor
TGA4807 TRIQUINT-TGA4807_15 Datasheet
635Kb / 12P
10.7Gb/s Modulator Driver Amplifier
logo
M/A-COM Technology Solu...
MAOM-010567 MA-COM-MAOM-010567_15 Datasheet
1Mb / 9P
Optical Modulator Driver
logo
Integrated Device Techn...
GX62474 IDT-GX62474 Datasheet
171Kb / 2P
Linear MZ Modulator Driver
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com