Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF1003C Datasheet (PDF) - Agere Systems

TF1003C Datasheet PDF - Agere Systems
Part # TF1003C
Download  TF1003C Download
File Size   733.51 Kbytes
Page   12 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description LG1605DXB Limiting Amplifier

TF1003C Datasheet (PDF)

Go To PDF Page Download Datasheet
TF1003C Datasheet PDF - Agere Systems

Part # TF1003C
Download  TF1003C Click to download

File Size   733.51 Kbytes
Page   12 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description LG1605DXB Limiting Amplifier

TF1003C Datasheet (HTML) - Agere Systems


TF1003C Product details

Functional Description
The LG1605DXB is a GaAs wideband limiting amplifier with differential inputs and outputs that provides 28 dB of gain (34 dB differential) and 3 GHz of bandwidth in a 50 Ω environment (Figure 1 shows the block diagram). At low input levels, below 10 mV to 20 mV, the circuit behaves as a linear amplifier. At higher levels, the device goes smoothly into limiting. The device matches the performance of an AGC amplifier but shows none of the AGC bouncing and attack characteristics.

Features
■ 28 dB gain, 34 dB differential
■ Large dynamic range: >60 dB
■ Wideband response: 8 kHz to 3 GHz
■ Extremely low ±4 ps delay skew across input range
■ Complementary 50 Ω I/Os
■ Surface-mount package
■ Standard ECL supply (400 mW)

Applications
■ Data/clock main amplifier SONET/SDH OC-48/ STM-16 transmission systems, DWDM systems
■ Digital video transmission
■ Interface between 1319 receiver and LG1600 clock and data regenerator
■ High-speed comparator




Similar Part No. - TF1003C

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
TF100-10 RHOMBUS-IND-TF100-10 Datasheet
32Kb / 1P
TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF100-10 RHOMBUS-IND-TF100-10 Datasheet
38Kb / 1P
TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF100-5 RHOMBUS-IND-TF100-5 Datasheet
32Kb / 1P
TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF100-5 RHOMBUS-IND-TF100-5 Datasheet
38Kb / 1P
TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF100-7 RHOMBUS-IND-TF100-7 Datasheet
32Kb / 1P
TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
More results


Similar Description - TF1003C

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TML9012 SPECTRUM-TML9012 Datasheet
663Kb / 1P
RF Limiting Amplifier
logo
BOWEI Integrated Circui...
HE072 BOWEI-HE072 Datasheet
99Kb / 1P
Limiting Amplifier
HE072A BOWEI-HE072A Datasheet
103Kb / 1P
Limiting Amplifier
HE072B BOWEI-HE072B Datasheet
68Kb / 1P
Limiting Amplifier
HE073 BOWEI-HE073 Datasheet
104Kb / 1P
Limiting Amplifier
HE073A BOWEI-HE073A Datasheet
107Kb / 1P
Limiting Amplifier
HE073B BOWEI-HE073B Datasheet
112Kb / 1P
Limiting Amplifier
logo
M/A-COM Technology Solu...
LA7_SMLA7 MA-COM-LA7_SMLA7 Datasheet
1Mb / 3P
Limiting Amplifier
logo
Analog Devices
ADN2890 AD-ADN2890_17 Datasheet
350Kb / 12P
Limiting Amplifier
4/2017-Rev. A to Rev. B
ADN2891 AD-ADN2891_17 Datasheet
596Kb / 16P
Limiting Amplifier
3/2017-Rev. A to Rev. B
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com