Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP2961 Datasheet (PDF) - Agere Systems

LSP2961 Datasheet PDF - Agere Systems
Part # LSP2961
Download  LSP2961 Download
File Size   145.04 Kbytes
Page   6 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Precision Log Ratio Amplifier

LSP2961 Datasheet (PDF)

Go To PDF Page Download Datasheet
LSP2961 Datasheet PDF - Agere Systems

Part # LSP2961
Download  LSP2961 Click to download

File Size   145.04 Kbytes
Page   6 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Precision Log Ratio Amplifier

LSP2961 Datasheet (HTML) - Agere Systems


LSP2961 Product details

Description
The LSP2961 is a single-channel precision logarithm and log ratio integrated circuit powered by +5 V and –5 V power supplies. The voltage output of the amplifier is a logarithmic function of the ratio of a reference current (IREF) over the input current (IIN). The scale factor is set internally to 1 V/decade, and is further adjustable by adding an external resistor. The input dynamic range for the amplifier is a six decade (1 nA to 1 mA) minimum, with seven-decade (1 nA to 10 mA) and eight-decade (100 pA to 10 mA) operation available with increased conformity error. The amplifier has an internal trimmed reference 1 µA ± 5% current source that is also externally adjustable using an external resistor. The output offset voltage is 100 mV maximum and can be nulled using an external potentiometer.

Features
■ Seven decades (1 nA to 10 mA) typical input range
■ Internal scale factor K = 1 ± 2% (K externally adjustable):
   OUTPUT = K x log IREF/IIN
■ Internal trimmed reference current (IREF = 1 µA ± 5%, externally adjustable)
■ Maximum ±100 mV output offset (externally adjustable)
■ Minimal external components
■ ±5 V power supply
■ TSSOP small package

Applications
■ Optical light density measurement
■ Log, log ratio computation
■ Data linearization




Similar Part No. - LSP2961

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LSP2908 AGERE-LSP2908 Datasheet
160Kb / 8P
8-Channel, High-Voltage Driver
September 2001
LSP2916 AGERE-LSP2916 Datasheet
201Kb / 10P
LSP2916 16-Channel, High-Voltage Driver
July 2001
LSP2916A AGERE-LSP2916A Datasheet
201Kb / 10P
LSP2916 16-Channel, High-Voltage Driver
July 2001
LSP2916B AGERE-LSP2916B Datasheet
201Kb / 10P
LSP2916 16-Channel, High-Voltage Driver
July 2001
More results


Similar Description - LSP2961

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
LOG100 BURR-BROWN-LOG100 Datasheet
123Kb / 9P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG104 TI-LOG104 Datasheet
273Kb / 13P
LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Burr-Brown (TI)
LOG101 BURR-BROWN-LOG101 Datasheet
281Kb / 13P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG112AIDE4 TI-LOG112AIDE4 Datasheet
761Kb / 20P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
LOG112AIDRE4 TI-LOG112AIDRE4 Datasheet
761Kb / 20P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
logo
Burr-Brown (TI)
LOG101AIDE4 BURR-BROWN-LOG101AIDE4 Datasheet
618Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG101AIDE4 TI-LOG101AIDE4 Datasheet
608Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG100 TI1-LOG100 Datasheet
118Kb / 11P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG102 TI1-LOG102_16 Datasheet
1Mb / 19P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG104 TI1-LOG104_14 Datasheet
296Kb / 15P
LOGARITHMIC AND LOG RATIO AMPLIFIER
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com