Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU3X34FTR Datasheet (PDF) - Agere Systems

LU3X34FTR Datasheet PDF - Agere Systems
Part # LU3X34FTR
Download  LU3X34FTR Download
File Size   678.98 Kbytes
Page   52 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Quad 3 V 10/100 Ethernet Transceiver TX/FX

LU3X34FTR Datasheet (PDF)

Go To PDF Page Download Datasheet
LU3X34FTR Datasheet PDF - Agere Systems

Part # LU3X34FTR
Download  LU3X34FTR Click to download

File Size   678.98 Kbytes
Page   52 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Quad 3 V 10/100 Ethernet Transceiver TX/FX

LU3X34FTR Datasheet (HTML) - Agere Systems


LU3X34FTR Product details

Overview
The LU3X34FTR is a fully integrated, 4-port 10/100 Mbits/s physical layer device with an integrated transceiver. This part was designed specifically for 10/100 Mbits/s switches. These applications typically require stringent functionality in addition to very tight board space, power, and cost requirements. The LU3X34FTR supports RMII and SMII interfaces, offering the designer multiple reduced pin count interfaces to save both real estate and cost in system design. The LU3X34FTR was designed from the beginning to conform fully with all pertinent specifications, from the ISO1/IEC2 11801 and EIA3/TIA 568 cabling guidelines to ANSI4 X3.263TP-PMD to IEEE5 802.3 Ethernet specifications.

Features
■ 4-port, single-chip, integrated physical layer and transceivers for 10Base-T, 100Base-TX, or 100Base-FX functions.
■ IEEE 802.3 compatible 10Base-T and 100Base-T physical layer interface and ANSI X3.263 TP-PMD compatible transceiver.
■ Interface support for RMII and SMII switch applications.
■ Autonegotiation pin configurability on a per-port basis.
■ FX mode configurable on a per-port basis.
■ Built-in analog 10 Mbit receive filter, removing the need for external filters.
■ Built-in 10 bit transmit filter.
■ 10 Mbit PLL, exceeding tolerances for both preamble and data jitter.
■ 100 Mbit PLL, combined with the digital adaptive equalizer, robustly handles variations in rise-fall time, excessive attenuation due to channel loss, duty-cycle distortion, crosstalk, and baseline wander.
■ Transmit rise-fall time manipulated to provide lower emissions, amplitude fully compatible for proper interoperability.
■ Programmable scrambler seed for better FCC compliancy.
■ IEEE 802.3u Clause 28 compliant autonegotiation for full 10 Mbits/s and 100 Mbits/s control.
■ Extended management support with interrupt capabilities.
■ PHY MIB support.
■ Low-power 500 mA max.
   — Low-cost 128-pin SQFP packaging with heat spreader.




Similar Part No. - LU3X34FTR

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LU3X31T-T64 AGERE-LU3X31T-T64 Datasheet
580Kb / 44P
LU3X31T-T64 Single-Port 3 10/100 Ethernet Transceiver TX
July 2000
More results


Similar Description - LU3X34FTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE800P STMICROELECTRONICS-STE800P Datasheet
54Kb / 4P
10/100 BASE-TX/FX 8 PORT TRANSCEIVER
A06
logo
Agere Systems
LU3X54FT AGERE-LU3X54FT Datasheet
677Kb / 54P
QUAD-FET (Fast Ethernet Transceiver) for 10Base-T/100Base-TX/FX
July 2000
logo
Broadcom Corporation.
BCM5228 BOARDCOM-BCM5228 Datasheet
157Kb / 1P
10/100 BASE - TX/FX OCTAL TRANSCEIVER
BCM5208 BOARDCOM-BCM5208 Datasheet
56Kb / 1P
10/100 BASE-TX QUAD TRANSCEIVER
BCM5226 BOARDCOM-BCM5226 Datasheet
162Kb / 1P
10/100 BASE TX/FX HEX TRANSCEIVER
logo
Advanced Micro Devices
AM79C875 AMD-AM79C875 Datasheet
2Mb / 48P
NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
logo
Micrel Semiconductor
KS8721BL MICREL-KS8721BL Datasheet
61Kb / 2P
3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER
logo
Advanced Micro Devices
AM79C874 AMD-AM79C874 Datasheet
542Kb / 60P
NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
logo
Davicom Semiconductor, ...
DM9161 DAVICOM-DM9161_08 Datasheet
666Kb / 50P
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
logo
Broadcom Corporation.
BCM5228 BOARDCOM-BCM5228_05 Datasheet
1Mb / 100P
10/100BASE-TX/FX Octal Transceiver
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com