Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU5X34F Datasheet (PDF) - Agere Systems

LU5X34F Datasheet PDF - Agere Systems
Part # LU5X34F
Download  LU5X34F Download
File Size   445.27 Kbytes
Page   26 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Quad Gigabit Ethernet Transceiver

LU5X34F Datasheet (PDF)

Go To PDF Page Download Datasheet
LU5X34F Datasheet PDF - Agere Systems

Part # LU5X34F
Download  LU5X34F Click to download

File Size   445.27 Kbytes
Page   26 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Quad Gigabit Ethernet Transceiver

LU5X34F Datasheet (HTML) - Agere Systems


LU5X34F Product details

Overview
The LU5X34F is a low-cost, low-power quad transceiver. It is used for data transmission over fiber or coaxial media in conformance with IEEE* 802.3z Gigabit Ethernet specification and Fibre Channel ANSI† X3T11 at 1.0 Gbits/s and 1.25 Gbits/s.

Features
■ Designed to operate in Ethernet, fibre channel, Firewire‡, or backplane applications.
■ Operationally compliant to IEEE 802.3z Gigabit Ethernet specification.
■ Operationally compliant to Fibre Channel ANSI X3T11. Provides FC-0 services at 1.0 Gbits/s— 1.25 Gbits/s (10-bit encoded data rate).
■ 100 MHz—125 MHz differential or single-ended reference clock.
■ 10-bit parallel, TTL-compatible I/O interface.
■ 8-bit/10-bit encoded data.
■ High-speed comma character recognition (K28.1, K28.5, K28.7) for latency-sensitive applications and alignment to word boundary.
■ Two 50 MHz—62.5 MHz receive-byte clocks.
■ Single analog PLL design requires no external components for the frequency synthesizer.
■ Novel digital data lock in receiver avoids the need for multiple analog PLLs.
■ Expandable beyond four serializer/deserializers.
■ PECL high-speed interface I/O for use with optical transceiver or coaxial copper media.
■ Requires one external resistor for PECL output reference-level definition.
■ Low-power digital CMOS technology.
■ Less than 2 W total power dissipation per quad transceiver.
■ 3.3 V ± 5% power supply.
■ 0 °C—70 °C ambient temperature.
■ Stand-alone transceiver product.
■ Transceiver macrocell template.
■ Available in 217-pin PBGA package.




Similar Part No. - LU5X34F

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
LU5-100-1000 ROSENBERGER-LU5-100-1000 Datasheet
214Kb / 2P
Cable assembly - Standardportfolio
LU5-100-300 ROSENBERGER-LU5-100-300 Datasheet
214Kb / 2P
Cable assembly - Standardportfolio
LU5-100-500 ROSENBERGER-LU5-100-500 Datasheet
214Kb / 2P
Cable assembly - Standardportfolio
LU5-100-750 ROSENBERGER-LU5-100-750 Datasheet
214Kb / 2P
Cable assembly - Standardportfolio
LU5-101-1000 ROSENBERGER-LU5-101-1000 Datasheet
210Kb / 2P
Cable assembly - Standardportfolio
More results


Similar Description - LU5X34F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
Gigabit Ethernet Transceiver
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
Gigabit Ethernet Transceiver Macrocell
March 2000
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
GIGABIT ETHERNET TRANSCEIVER
logo
Texas Instruments
TNETE2201 TI-TNETE2201 Datasheet
295Kb / 10P
1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
Gigabit Ethernet PHY Transceiver
logo
Vitesse Semiconductor C...
VSC7186 VITESSE-VSC7186 Datasheet
221Kb / 16P
Quad Transceiver for Gigabit Ethernet
VSC7139 VITESSE-VSC7139 Datasheet
247Kb / 18P
Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
SERDES Gigabit Ethernet Transceiver
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com