Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P171 Datasheet (PDF) - Agere Systems

P171 Datasheet PDF - Agere Systems
Part # P171
Download  P171 Download
File Size   50.91 Kbytes
Page   8 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description P171-Type PIN/Preamp

P171 Datasheet (PDF)

Go To PDF Page Download Datasheet
P171 Datasheet PDF - Agere Systems

Part # P171
Download  P171 Click to download

File Size   50.91 Kbytes
Page   8 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description P171-Type PIN/Preamp

P171 Datasheet (HTML) - Agere Systems


P171 Product details

Description
The P171-type mini-DIL PIN/preamp consists of a PIN  coupled to a multimode fiber pigtail and a wideband linear preamplifier. The PIN incorporated is a rear-illuminated planar diode structure with a low-capacitance  active area for maximum responsivity and speed.

Features
■ Low-profile, 4-lead mini-DIL package:
    — Suitable for SONET applications
■ Optional differential output in a 6-lead mini-DIL  package
■ Transimpedance amplifier with automatic gain control (AGC)
■ Metal package:
    — Offers superior shielding for high noise immunity
■ High performance:
    — High speed (<0.5 ns typical rise and fall time)
    — High responsivity (0.85 A/W typical)
    — Low dark current
■ Planar structure for high reliability
■ Wavelength: 1.1 µm—1.6 µm
■ 50 µm core multimode fiber
■ Wide operating temperature range:
    — –40 °C to +85 °C
■ Wide bandwidth
■ Qualification program: Telcordia Technologies*  TA-NWT-983
■ Typical sensitivity:
    — –38 dBm at 155 Mbits/s
    — –33 dBm at 622 Mbits/s

Applications
■ Long-reach SONET OC-3/OC-12 and SDH  STM-1/STM-4 telecommunications applications
■ Secure digital data systems
■ Line terminal equipment

Benefits
■ Compact size
■ Easily board mounted




Similar Part No. - P171

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
P171004 MPSIND-P171004 Datasheet
157Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171004-100 MPSIND-P171004-100 Datasheet
157Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171004-101 MPSIND-P171004-101 Datasheet
157Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171004-150 MPSIND-P171004-150 Datasheet
157Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171004-151 MPSIND-P171004-151 Datasheet
157Kb / 1P
SHIELDED SMD POWER INDUCTOR
More results


Similar Description - P171

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
8C443 MITEL-8C443 Datasheet
182Kb / 9P
PIN/Preamp(Datacom, Telecom)
logo
Agilent(Hewlett-Packard...
PPA1515-155 HP-PPA1515-155 Datasheet
207Kb / 4P
Pigtailed PIN-PREAMP
logo
List of Unclassifed Man...
FRM3Z621KT ETC1-FRM3Z621KT Datasheet
278Kb / 5P
InGaAs-PIN/Preamp Receiver
logo
Eudyna Devices Inc
FRM3Z121KT EUDYNA-FRM3Z121KT Datasheet
121Kb / 5P
InGaAs-PIN/Preamp Receiver
FRM3Z231KT EUDYNA-FRM3Z231KT Datasheet
330Kb / 5P
InGaAs-PIN/Preamp Receiver
FRM3Z232BS EUDYNA-FRM3Z232BS Datasheet
609Kb / 4P
InGaAs-PIN/Preamp Preamp
FRM3Z232HY EUDYNA-FRM3Z232HY Datasheet
201Kb / 4P
InGaAs-PIN/Preamp Receiver
FRM3Z232LY EUDYNA-FRM3Z232LY Datasheet
224Kb / 4P
InGaAs-PIN/Preamp Receiver
FRM5J141GW EUDYNA-FRM5J141GW Datasheet
308Kb / 4P
InGaAs-PIN/Preamp Receiver
FRM5J142GW EUDYNA-FRM5J142GW Datasheet
315Kb / 4P
InGaAs-PIN/Preamp Receiver
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com