Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R768 Datasheet (PDF) - Agere Systems

R768 Datasheet PDF - Agere Systems
Part # R768
Download  R768 Download
File Size   91.35 Kbytes
Page   6 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description R768-Type OC-768/STM-256 Lightweight Receiver

R768 Datasheet (PDF)

Go To PDF Page Download Datasheet
R768 Datasheet PDF - Agere Systems

Part # R768
Download  R768 Click to download

File Size   91.35 Kbytes
Page   6 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description R768-Type OC-768/STM-256 Lightweight Receiver

R768 Datasheet (HTML) - Agere Systems


R768 Product details

Description
Receiver Operation
The R768 40 Gbits/s fiber-optic receiver consists of a high-speed photodetector (PIN) and a wide-band linear preamp in a pigtailed surface-mount metal package with a single-ended V-connector. It is designed for use in single-mode, high-speed telecommunication applications at the SONET OC-768 and the ITU-T SDH STM-256 data rate of 42.5 Gbits/s.

Features
■ High data rate capability, 40 Gbits/s
■ PIN photodetector
■ Fully operational through the L-band (1.6 µm) wavelength range
■ Single-mode fiber pigtail with FC/PC optical connector
■ Operating case temperature range: 0 °C to 65 °C
■ Compact, butterfly package

Applications
■ Line terminal equipment
■ High-speed networks up to 40 Gbits/s
■ SONET OC-768 and SDH STM-256 telecommunications applications
■ Extended-reach datacom and telecom applications
■ Digital video




Similar Part No. - R768

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R7600P HAMAMATSU-R7600P Datasheet
149Kb / 4P
PHOTOMULTIPLIER TUBE
R7600U HAMAMATSU-R7600U Datasheet
149Kb / 4P
PHOTOMULTIPLIER TUBE
R7600U-00-M4 HAMAMATSU-R7600U-00-M4 Datasheet
165Kb / 4P
MULTIANODE PHOTOMULTIPLIER TUBE
R7600U-03 HAMAMATSU-R7600U-03 Datasheet
149Kb / 4P
PHOTOMULTIPLIER TUBE
R7600U-03-M4 HAMAMATSU-R7600U-03-M4 Datasheet
165Kb / 4P
MULTIANODE PHOTOMULTIPLIER TUBE
More results


Similar Description - R768

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R2860A AGERE-R2860A Datasheet
83Kb / 6P
Digital Receiver OC-192/STM-64
September 2001
R2860D AGERE-R2860D Datasheet
107Kb / 6P
R2860D Digital Receiver OC-192/STM-64
September 2001
R2860E AGERE-R2860E Datasheet
84Kb / 6P
R2860E Digital Receiver OC-192/STM-64
September 2001
R2860F AGERE-R2860F Datasheet
84Kb / 6P
R2860F Digital Receiver OC-192/STM-64
September 2001
R2860G AGERE-R2860G Datasheet
129Kb / 6P
R2860G Digital Receiver OC-192/STM-64
September 2001
R2862A AGERE-R2862A Datasheet
97Kb / 6P
R2862A Digital 2R Receiver OC-192/STM-64
October 2001
logo
List of Unclassifed Man...
1319T ETC1-1319T Datasheet
450Kb / 9P
1319T OC-192/STM-64 Lighwave Receiver
logo
OPLINK Communications I...
SRC12-0403 OPLINK-SRC12-0403 Datasheet
621Kb / 4P
OC-12/STM-4 Receiver with Clock Recovery
SRC48-0413 OPLINK-SRC48-0413 Datasheet
762Kb / 4P
OC-48/STM-16 Receiver with Clock Recovery
SRX48-0415 OPLINK-SRX48-0415 Datasheet
665Kb / 4P
OC-48/STM-16 Receiver without Clock Recovery
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com