Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T7121 Datasheet (PDF) - Agere Systems

T7121 Datasheet PDF - Agere Systems
Part # T7121
Download  T7121 Download
File Size   685.38 Kbytes
Page   68 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description T7121 HDLC Interface for ISDN

T7121 Datasheet (PDF)

Go To PDF Page Download Datasheet
T7121 Datasheet PDF - Agere Systems

Part # T7121
Download  T7121 Click to download

File Size   685.38 Kbytes
Page   68 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description T7121 HDLC Interface for ISDN

T7121 Datasheet (HTML) - Agere Systems


T7121 Product details

Description
The T7121 HDLC Interface for ISDN (HIFI-64) connects serial communications links carrying HDLC bitsynchronous data frames to 8-bit microcomputer systems. There is an optional transparent mode of operation in which no HDLC processing is performed on user data. The device communicates with the system microprocessor as a memory-mapped peripheral and is controlled by reading and writing 19 internal registers. The chip can be instructed to interrupt the microprocessor when it detects certain events requiring microprocessor attention.

Features
■ Low-cost device for B-channel (64 kbits/s) or D-channel (16 kbits/s) data transport.
■ Optional transparent mode—no HDLC framing is performed.
■ Frame sync (FS) allows a slot-select feature to access an individual time slot in any TDM data stream (e.g., Lucent Technologies Microelectronics Group Concentration Highway Interface [CHI] or subset).
■ Bit-masking option allows effective data rates of 8, 16, 24, 32, 40, 48, and 56 kbits/s.
■ Maximum data rate up to 4.096 MHz.
■ Serial data-transfer pins for direct connection to the Lucent ISDN line transceiver T7250C.
■ Supports IOM2, K2, GCI, and SLD interface.
■ Parallel microprocessor interface with either multiplexed or demultiplexed address and data lines for easy interface with any microprocessor.
■ Single interrupt output signal with seven maskable interrupt conditions.
■ Programmable interrupt modes.
■ Memory-mapped read and write registers.
■ TTL/CMOS compatible input/output.
■ 3-state output pins to assist system diagnostics.
■ Low-power 1.25 µm CMOS:
   — 30 mW typical operation at 12 MHz.
   — 5 mW standby mode (typical).
■ HDLC transceiver:
   — Stand-alone HDLC framing operation.
   — 64-byte FIFO in both transmit and receive directions.
   — Supports block-move instruction.
   — Multiple frames allowed in FIFO.
   — Programmable FIFO full- and empty-level interrupt.




Similar Part No. - T7121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T7122 ETC1-T7122 Datasheet
429Kb / 3P
TRIANGULAR TYPE
T7123 ETC1-T7123 Datasheet
429Kb / 3P
TRIANGULAR TYPE
More results


Similar Description - T7121

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST5451 STMICROELECTRONICS-ST5451 Datasheet
269Kb / 34P
ISDN HDLC AND GCI CONTROLLER
Mar-2000
logo
Siemens Semiconductor G...
PEB20321 SIEMENS-PEB20321 Datasheet
1Mb / 326P
Multichannel Network Interface Controller for HDLC MUNICH32X
logo
Micro Electronics
PIT-1301 MICRO-ELECTRONICS-PIT-1301 Datasheet
215Kb / 1P
ISDN INTERFACE TRANSFORMER FOR EP TYPE
PIT-1501 MICRO-ELECTRONICS-PIT-1501 Datasheet
211Kb / 1P
ISDN INTERFACE TRANSFORMER FOR RM TYPE
logo
Infineon Technologies A...
PEB20321 INFINEON-PEB20321 Datasheet
4Mb / 366P
Multichannel Network Interface Controller for HDLC
Version 2.2 Feb. 2001
logo
XFMRS Inc.
3XF0013-W19 XFMRS-3XF0013-W19 Datasheet
45Kb / 1P
SMD TRANSFORMER FOR ISDN S-INTERFACE
3XF0013-W19 XFMRS-3XF0013-W19 Datasheet
45Kb / 1P
SMD TRANSFORMER FOR ISDN S-INTERFACE
3XF0013-W15 XFMRS-3XF0013-W15 Datasheet
44Kb / 1P
SMD TRANSFORMER FOR ISDN S-INTERFACE
XF0223-S10 XFMRS-XF0223-S10 Datasheet
54Kb / 1P
SMD TRANSFORMER FOR ISDN S-INTERFACE
logo
Infineon Technologies A...
PEB20256 INFINEON-PEB20256 Datasheet
2Mb / 216P
Multichannel Network Interface Controller for HDLC/PPP
DS2, April 2001
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com