Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T7502 Datasheet (PDF) - Agere Systems

T7502 Datasheet PDF - Agere Systems
Part # T7502
Download  T7502 Download
File Size   417.7 Kbytes
Page   16 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description T7502 Dual PCM Codec with Filters

T7502 Datasheet (PDF)

Go To PDF Page Download Datasheet
T7502 Datasheet PDF - Agere Systems

Part # T7502
Download  T7502 Click to download

File Size   417.7 Kbytes
Page   16 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description T7502 Dual PCM Codec with Filters

T7502 Datasheet (HTML) - Agere Systems


T7502 Product details

Description
The T7502 device is a single-chip, two-channel A-law PCM codec with filters. This integrated circuit provides analog-to-digital and digital-to-analog conversion. It provides the transmit and receive filtering necessary to interface a voice telephone circuit to a time-division multiplexed (TDM) system. The device features a differential transmit amplifier, and the power receive amplifier is capable of driving 600 Ω differentially. PCM timing is defined by a single frame sync pulse. This device operates in a delayed timing mode (digital data is valid one clock cycle after frame sync goes high). The T7502 is packaged in a 20-pin SOJ.

Features
■ +5 V only
■ Automatic powerdown mode
■ Low-power, latch-up-free CMOS technology
■ On-chip sample and hold, autozero, and precision voltage reference
■ Differential architecture for high noise immunity and power supply rejection
■ Automatic master clock frequency selection
■ 2.048 MHz or 4.096 MHz fixed data rate
■ Frame sync controlled channel swapping
■ Differential analog I/O
■ 300 Ω output drivers
■ Operating temperature range: –40 °C to +85 °C
■ A-law companding

Applications
■ Speakerphone
■ Telephone answering device (TAD)
■ POTS for ISDN




Similar Part No. - T7502

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
T7500 INTEL-T7500 Datasheet
1Mb / 87P
Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
logo
E-SWITCH
T750000 E-SWITCH-T750000 Datasheet
168Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T750001 E-SWITCH-T750001 Datasheet
164Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T750002 E-SWITCH-T750002 Datasheet
189Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T750003 E-SWITCH-T750003 Datasheet
179Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results


Similar Description - T7502

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T7503 AGERE-T7503 Datasheet
417Kb / 16P
T7503 Dual PCM Codec with Filters
February 1998
logo
ELAN Microelectronics C...
EM77565 EMC-EM77565 Datasheet
318Kb / 25P
ADPCM WITH PCM CODEC
logo
Macronix International
MX93002 MCNIX-MX93002 Datasheet
373Kb / 35P
PCM CODEC
logo
Texas Instruments
TLV320AIC1106 TI-TLV320AIC1106 Datasheet
220Kb / 17P
PCM CODEC
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
PCM CODEC
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
PCM CODEC
TLV320AIC1103PBSR TI1-TLV320AIC1103PBSR Datasheet
917Kb / 33P
PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
PCM CODEC
TLV320AIC1106 TI-TLV320AIC1106_15 Datasheet
537Kb / 19P
PCM CODEC
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com