Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T7570 Datasheet (PDF) - Agere Systems

T7570 Datasheet PDF - Agere Systems
Part # T7570
Download  T7570 Download
File Size   567.01 Kbytes
Page   28 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description T7570 Programmable PCM Codec with Hybrid-Balance Filter

T7570 Datasheet (PDF)

Go To PDF Page Download Datasheet
T7570 Datasheet PDF - Agere Systems

Part # T7570
Download  T7570 Click to download

File Size   567.01 Kbytes
Page   28 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description T7570 Programmable PCM Codec with Hybrid-Balance Filter

T7570 Datasheet (HTML) - Agere Systems


T7570 Product details

Description

The Lucent Technologies Microelectronics Group T7570 Programmable PCM Codec with Hybrid-Balance Filter is a programmable PCM codec with an internal hybrid-balance network filter. It provides ana log-to-digital and digital-to-analog conversion, as well as the transmit and receive filtering necessary to interface a voice telephone circuit to a time-division multiplexed (TDM) system. Programmable features include transmit gain setting over a 19.4 dB range and receive gain setting over a 19.4 dB range. An internal filter can be programmed to provide hybrid

balancing over a wide range of loop impedances for both active and transformer subscriber line interface circuits (SLIC).



 




Similar Part No. - T7570

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
T75 EUROQUARTZ-T75 Datasheet
130Kb / 1P
Rugged construction HCMOS/Sinewave 7 x 5 x 2mm SMD
logo
Tyco Electronics
T75 MACOM-T75 Datasheet
89Kb / 2P
High sensitivity ??nominal coil power requirement is as low as 212mW.
logo
List of Unclassifed Man...
T75-24C3 ETC2-T75-24C3 Datasheet
490Kb / 2P
C L A S S 2 T R ANS FORME R S
logo
Infineon Technologies A...
T75.26K0 INFINEON-T75.26K0 Datasheet
81Kb / 2P
Gate leads for MP disc devices Zubehör Date
2013-10-01 Revision: 3.1
logo
Intel Corporation
T7500 INTEL-T7500 Datasheet
1Mb / 87P
Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
More results


Similar Description - T7570

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
PCM Codec-Filter
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
COMBO II Programmable PCM CODEC/Filter
logo
Agere Systems
T7507 AGERE-T7507 Datasheet
558Kb / 30P
T7507 Quad PCM Codec with Filters, Termination Impedance, and Hybrid Balance
August 1999
logo
Integrated Device Techn...
IDT821068 IDT-IDT821068 Datasheet
589Kb / 45P
OCTAL PROGRAMMABLE PCM CODEC
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
PCM CODEC - FILTER
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
PCM Codec-Filter
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
PCM Codec-Filter
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com