Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T92 Datasheet (PDF) - Agere Systems

T92 Datasheet PDF - Agere Systems
Part # T92
Download  T92 Download
File Size   89.35 Kbytes
Page   8 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter

T92 Datasheet (PDF)

Go To PDF Page Download Datasheet
T92 Datasheet PDF - Agere Systems

Part # T92
Download  T92 Click to download

File Size   89.35 Kbytes
Page   8 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter

T92 Datasheet (HTML) - Agere Systems




Similar Part No. - T92

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
T92 DBLECTRO-T92 Datasheet
178Kb / 2P
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
logo
Tyco Electronics
T92 MACOM-T92 Datasheet
261Kb / 3P
2 pole 30 A, 2 CO or 2 NO contacts
logo
TE Connectivity Ltd
T92 TEC-T92 Datasheet
1Mb / 4P
Meets requirements of UL Class F construction
T92 TEC-T92 Datasheet
789Kb / 5P
T92 Series Two-pole Power Relay
logo
Infineon Technologies A...
T920N INFINEON-T920N Datasheet
247Kb / 10P
Netz-Thyristor Phase Control Thyristor
2009-12-08 revision:3.1
More results


Similar Description - T92

ManufacturerPart #DatasheetDescription
logo
Agere Systems
1417K4A AGERE-1417K4A Datasheet
194Kb / 10P
NetLight 1417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
January 2000
1417K6S AGERE-1417K6S Datasheet
205Kb / 14P
NetLight 1417K6S 2.5 Gbits/s 1300 nm Laser Transceiver
Rev. 1 september 2001
2417K4A AGERE-2417K4A Datasheet
129Kb / 12P
NetLight 2417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
Rev. 1 August 2001
D372 AGERE-D372 Datasheet
56Kb / 8P
D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
December 2000
D374 AGERE-D374 Datasheet
56Kb / 8P
D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
December 2000
logo
Optoway Technology Inc
DL-5500-1625 OPTOWAY-DL-5500-1625 Datasheet
111Kb / 2P
1625 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5540 OPTOWAY-DL-5540 Datasheet
117Kb / 2P
1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5300 OPTOWAY-DL-5300_09 Datasheet
81Kb / 4P
1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
logo
Agere Systems
1241 AGERE-1241 Datasheet
166Kb / 12P
Uncooled Laser Transmitter
September 1999
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com