Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTRN012G5 Datasheet (PDF) - Agere Systems

TTRN012G5 Datasheet PDF - Agere Systems
Part # TTRN012G5
Download  TTRN012G5 Download
File Size   394.16 Kbytes
Page   22 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer

TTRN012G5 Datasheet (PDF)

Go To PDF Page Download Datasheet
TTRN012G5 Datasheet PDF - Agere Systems

Part # TTRN012G5
Download  TTRN012G5 Click to download

File Size   394.16 Kbytes
Page   22 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer

TTRN012G5 Datasheet (HTML) - Agere Systems


TTRN012G5 Product details

Description
The Lucent Technologies Microelectronics Group TTRN012G5 operates at the OC-48/STM-16 data rate of 2.5 Gbits/s. The TTRN012G7 device operates at either 2.5 Gbits/s or the RS FEC OC-48/STM-16 data rate of 2.7 Gbits/s. For clarity, this data sheet refers to the TTRN012G5 serial data rate as 2.5 Gbits/s and the parallel data and reference clock frequency as 155 MHz. (The precise rates are 2.48832 Gbits/s and 155.52 MHz.) When using the TTRN012G7 at the FEC rate, the 2.5 Gbits/s data rate should be interpreted as 2.7 Gbits/s and the parallel and clock frequency should be interpreted as 166 MHz. (The precise rates are 2.66606 Gbits/s and 166.62 MHz.)

Features
■ TTRN012G5 supports OC-48/STM-16 data rate
■ TTRN012G7 supports:
— OC-48/STM-16 data rate
— RS (255, 239) forward error correction (FEC) OC-48/STM-16 data rate
■ Fully integrated clock synthesizer and 16:1 data multiplexer
■ Supports clockless data transfer into the 16:1 multiplexer
■ Parity checking and valid data indication
■ Data inversion option
■ Additional high-speed CML serial data output for system loopback
■ Loss of lock indication
■ Single 3.3 V supply
■ Available in either MBIC 025 BiCMOS technology or lower-power MBIC 025 silicon germanium BiCMOS technology
■ LVPECL 155.52 Mbits/s digital I/O
■ Jitter generation and jitter transfer compliant with the following:
    — Telcordia Technologies* GR-253
    — ITU-T G.825
    — ITU-T G.958

Applications
■ SONET/SDH line origination equipment
■ SONET/SDH add/drop multiplexers
■ SONET/SDH cross connects
■ SONET/SDH test equipment
■ Digital video transmission




Similar Part No. - TTRN012G5

ManufacturerPart #DatasheetDescription
logo
Tokyo Coil Engineering ...
TTRN-038S TCE-TTRN-038S Datasheet
127Kb / 1P
Transformer
TTRN-038S TCE-TTRN-038S Datasheet
360Kb / 1P
Tokyo Coil SMD Transformers for Photoflash Capacitor Charger
TTRN-038S-060-T TCE-TTRN-038S-060-T Datasheet
360Kb / 1P
Tokyo Coil SMD Transformers for Photoflash Capacitor Charger
TTRN-038S-068-T TCE-TTRN-038S-068-T Datasheet
360Kb / 1P
Tokyo Coil SMD Transformers for Photoflash Capacitor Charger
TTRN-038S TCE-TTRN-038S_V01 Datasheet
360Kb / 1P
Tokyo Coil SMD Transformers for Photoflash Capacitor Charger
More results


Similar Description - TTRN012G5

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3014 PHILIPS-TZA3014 Datasheet
162Kb / 28P
2.5 Gbits/s postamplifier with level detector
2001 Jun 25
logo
Agere Systems
1417K4A AGERE-1417K4A Datasheet
194Kb / 10P
NetLight 1417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
January 2000
1417K5A AGERE-1417K5A Datasheet
159Kb / 14P
NetLight 1417K5A 2.5 Gbits/s 1300 nm Laser Transceiver with Clock and Data Recovery
August 2001
1417K6S AGERE-1417K6S Datasheet
205Kb / 14P
NetLight 1417K6S 2.5 Gbits/s 1300 nm Laser Transceiver
Rev. 1 september 2001
2417K4A AGERE-2417K4A Datasheet
129Kb / 12P
NetLight 2417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
Rev. 1 August 2001
CA16 AGERE-CA16 Datasheet
464Kb / 30P
CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
March 2001
D374 AGERE-D374 Datasheet
56Kb / 8P
D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
December 2000
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
October 2001
TA16 AGERE-TA16 Datasheet
476Kb / 28P
TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
March 2001
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
August 2000
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com