Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP31 Datasheet (PDF) - ON Semiconductor

TIP31 Datasheet PDF - ON Semiconductor
Part # TIP31
Download  TIP31 Download
File Size   123.98 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Complementary Silicon Plastic Power Transistors

TIP31 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP31 Datasheet PDF - ON Semiconductor

Part # TIP31
Download  TIP31 Click to download

File Size   123.98 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Complementary Silicon Plastic Power Transistors

TIP31 Datasheet (HTML) - ON Semiconductor


TIP31 Product details

Designed for use in general purpose amplifier and switching applications.

Features
• Collector−Emitter Saturation Voltage −
   VCE(sat) = 1.2 Vdc (Max) @ IC = 3.0 Adc
• Collector−Emitter Sustaining Voltage −
   VCEO(sus) = 40 Vdc (Min) − TIP31, TIP32
                      = 60 Vdc (Min) − TIP31A, TIP32A
                      = 80 Vdc (Min) − TIP31B, TIP32B
                      = 100 Vdc (Min) − TIP31C, TIP32C
• High Current Gain − Bandwidth Product
   fT= 3.0 MHz (Min) @ IC = 500 mAdc
• Compact TO−220 AB Package
• Pb−Free Packages are Available*




Similar Part No. - TIP31

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP31 MOSPEC-TIP31 Datasheet
192Kb / 4P
POWER TRANSISTORS(3A,40-100V,40W)
logo
Power Innovations Ltd
TIP31 POINN-TIP31 Datasheet
86Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Samsung semiconductor
TIP31 SAMSUNG-TIP31 Datasheet
220Kb / 6P
NPN (MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
logo
Fairchild Semiconductor
TIP31 FAIRCHILD-TIP31 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
logo
Boca Semiconductor Corp...
TIP31 BOCA-TIP31 Datasheet
25Kb / 2P
General Purpose Amplifier and Switching Applications
More results


Similar Description - TIP31

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
Complementary Silicon Plastic Power Transistors
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com