Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W3000 Datasheet (PDF) - Agere Systems

W3000 Datasheet PDF - Agere Systems
Part # W3000
Download  W3000 Download
File Size   327.37 Kbytes
Page   28 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description W3000 PLL Dual-Band Frequency Synthesizer

W3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
W3000 Datasheet PDF - Agere Systems

Part # W3000
Download  W3000 Click to download

File Size   327.37 Kbytes
Page   28 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description W3000 PLL Dual-Band Frequency Synthesizer

W3000 Datasheet (HTML) - Agere Systems


W3000 Product details

Description
The W3000 is a high-performance UHF RF PLL synthesizer, designed for use in digital wireless communication applications. Particular emphasis in the design has been placed on dual-band applications, with near-seamless switching between operational bands without the need for external loop-filter circuitry other than that required for single band applications. In combination with a suitable reference crystal, UHF VCO, and associated loop-filter components, the W3000 offers a very low-noise oscillator solution.

Features
■ 2.2 GHz operational
■ Dual-band optimized
■ Low supply current (5.1 mA)
■ Surface-mount 14-pin TSSOP package
■ Scaled PD gain for dual-band operation
■ Programmable phase-detector polarity
■ Synchronous or forced counter update loading
■ Powerdown mode via external pin or serial bus
■ Low-load capacitance on reference input buffer

Applications
■ GSM900/1800/1900
■ North American IS-136/137
■ Personal Digital Cellular (Japan RCR-27)
■ Personal Handy Phone (Japan RCR-28)
■ CDMA (IS-95)




Similar Part No. - W3000

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3000 PULSE-W3000 Datasheet
5Mb / 28P
Ceramic Monopole Antenna
More results


Similar Description - W3000

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
Dual PLL frequency synthesizer
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
Dual PLL Frequency Synthesizer Circuit
logo
fujitsu semiconductor
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
IF Band PLL Frequency Synthesizer
MB15C101 FUJITSU-MB15C101 Datasheet
151Kb / 17P
IF Band PLL Frequency Synthesizer
MB15C103 FUJITSU-MB15C103 Datasheet
150Kb / 16P
IF Band PLL Frequency Synthesizer
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
PLL FREQUENCY SYNTHESIZER
TB31251FL TOSHIBA-TB31251FL Datasheet
573Kb / 15P
1.4GHz DUAL-PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
PLL Frequency Synthesizer
Rev. D
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
PLL Frequency Synthesizer
REV. D
logo
Motorola, Inc
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
Dual PLL Frequency Synthesizer
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com