Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103VET6 Datasheet (PDF) - STMicroelectronics

STM32F103VET6 Datasheet PDF - STMicroelectronics
Part # STM32F103VET6
Download  STM32F103VET6 Download
File Size   1933.12 Kbytes
Page   130 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-density performance line

STM32F103VET6 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F103VET6 Datasheet PDF - STMicroelectronics

Part # STM32F103VET6
Download  STM32F103VET6 Click to download

File Size   1933.12 Kbytes
Page   130 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-density performance line

STM32F103VET6 Datasheet (HTML) - STMicroelectronics


STM32F103VET6 Product details


The STM32F103xx medium-density performance line family incorporates the high performance ARM Cortex™-M3 32-bit RISC core operating at a 72 MHz frequency, high speed embedded memories (Flash memory up to 128 Kbytes and SRAM up to 20 Kbytes), and an extensive range of enhanced I/Os and peripherals connected to two APB buses. All devices offer two 12-bit ADCs, three general purpose 16-bit timers plus one PWM timer, as well as standard and advanced  ommunication interfaces: up to two I2Cs and SPIs, three USARTs, an USB and a CAN.






Features

* ARM 32-bit Cortex™-M3 CPU Core

– 72 MHz maximum frequency, 1.25 DMIPS/MHz (Dhrystone 2.1) performance at 0 wait state memory access

– Single-cycle multiplication and hardware division





* Memories

– 64 or 128 Kbytes of Flash memory

– 20 Kbytes of SRAM



* Clock, reset and supply management

– 2.0 to 3.6 V application supply and I/Os

– POR, PDR, and programmable voltage detector (PVD)

– 4-to-16 MHz crystal oscillator

– Internal 8 MHz factory-trimmed RC

– Internal 40 kHz RC

– PLL for CPU clock

– 32 kHz oscillator for RTC with calibration




Similar Part No. - STM32F103VET6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103VET6TR STMICROELECTRONICS-STM32F103VET6TR Datasheet
1Mb / 123P
High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
24-Sep-2009
STM32F103VET6TR STMICROELECTRONICS-STM32F103VET6TR Datasheet
3Mb / 143P
High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
10-Jul-2018
STM32F103VET6XXX STMICROELECTRONICS-STM32F103VET6XXX Datasheet
1Mb / 123P
High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
24-Sep-2009
STM32F103VET6XXX STMICROELECTRONICS-STM32F103VET6XXX Datasheet
3Mb / 143P
High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
10-Jul-2018
More results


Similar Description - STM32F103VET6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CD00161566 STMICROELECTRONICS-CD00161566 Datasheet
1Mb / 105P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
05-Aug-2013
CD00253742 STMICROELECTRONICS-CD00253742 Datasheet
2Mb / 120P
XL-density performance line ARM-based 32-bit MCU
18-Jan-2012
STM32F103VFT6 STMICROELECTRONICS-STM32F103VFT6 Datasheet
2Mb / 120P
XL-density performance line ARM-based 32-bit MCU
18-Jan-2012
STM32F103VFT6TR STMICROELECTRONICS-STM32F103VFT6TR Datasheet
2Mb / 120P
XL-density performance line ARM-based 32-bit MCU
18-Jan-2012
STM32F103ZET7 STMICROELECTRONICS-STM32F103ZET7 Datasheet
1Mb / 130P
High-density performance line ARM-based 32-bit MCU
19-Apr-2011
logo
ATMEL Corporation
ATF1500ABV ATMEL-ATF1500ABV_14 Datasheet
466Kb / 18P
High-density, High-performance Electrically-erasable Complex
ATF1500AL ATMEL-ATF1500AL_14 Datasheet
610Kb / 19P
High-density, High-performance Electrically-erasable Complex
ATF1508ASV ATMEL-ATF1508ASV_14 Datasheet
600Kb / 28P
High-density, High-performance, Electrically-erasable
ATF1508ASVL ATMEL-ATF1508ASVL_14 Datasheet
600Kb / 28P
High-density, High-performance, Electrically-erasable
logo
Samtec, Inc
NVAM SAMTEC-NVAM Datasheet
579Kb / 2P
EXTREME PERFORMANCE HIGH-DENSITY ARRAYS
Rev. 09MAR22
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com