Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10BQ040M Datasheet (PDF) - Vishay Siliconix

10BQ040M Datasheet PDF - Vishay Siliconix
Part # 10BQ040M
Download  10BQ040M Download
File Size   110.28 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifiler, 1.0 A

10BQ040M Datasheet (PDF)

Go To PDF Page Download Datasheet
10BQ040M Datasheet PDF - Vishay Siliconix

Part # 10BQ040M
Download  10BQ040M Click to download

File Size   110.28 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifiler, 1.0 A

10BQ040M Datasheet (HTML) - Vishay Siliconix


10BQ040M Product details

DESCRIPTION

The VS-10BQ040-M3 surface mount Schottky rectifier has been designed for applications requiring low forward drop and very small foot prints on PC boards. Typical applications are in disk drives, switching power supplies, converters, freewheeling diodes, battery charging, and reverse battery protection.



FEATURES

• Low forward voltage drop

• Guard ring for enhanced ruggedness and long term reliability

• Small foot print, surface mountable

• High frequency operation

• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C

• Material categorization: For definitions of compliance please see www.vishay.com/doc?99912



 




Similar Part No. - 10BQ040M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10BQ040 IRF-10BQ040 Datasheet
223Kb / 4P
SCHOTTKY RECTIFIER, 1Amp
10BQ040 IRF-10BQ040 Datasheet
244Kb / 6P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
10BQ040 VISHAY-10BQ040 Datasheet
95Kb / 6P
Schottky Rectifier, 1.0 A
16-Apr-08
logo
Sangdest Microelectroni...
10BQ040 SMC-10BQ040 Datasheet
176Kb / 6P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
10BQ040 SMCDIODE-10BQ040 Datasheet
294Kb / 4P
10BQ040 SCHOTTKY RECTIFIER
Rev. B
More results


Similar Description - 10BQ040M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10BQ015PBF VISHAY-10BQ015PBF Datasheet
99Kb / 6P
Schottky Rectifier, 1.0 A
04-Nov-08
10BQ030PBF VISHAY-10BQ030PBF Datasheet
90Kb / 5P
Schottky Rectifier, 1.0 A
16-Apr-08
10BQ040PBF VISHAY-10BQ040PBF Datasheet
95Kb / 6P
Schottky Rectifier, 1.0 A
16-Apr-08
MBRS140TRPBF VISHAY-MBRS140TRPBF Datasheet
92Kb / 6P
Schottky Rectifier, 1.0 A
21-Apr-08
MBRS190TRPBF VISHAY-MBRS190TRPBF Datasheet
97Kb / 6P
Schottky Rectifier, 1.0 A
15-Aug-08
10BQ015M VISHAY-10BQ015M Datasheet
114Kb / 6P
Schottky Rectifier, 1.0 A
29-May-12
VS-10BQ015PBF VISHAY-VS-10BQ015PBF Datasheet
116Kb / 7P
Schottky Rectifier, 1.0 A
15-Nov-10
VS-MBRA140TRPBF VISHAY-VS-MBRA140TRPBF Datasheet
109Kb / 6P
Schottky Rectifier, 1.0 A
04-Mar-10
VS-10BQ040-M3 VISHAY-VS-10BQ040-M3_15 Datasheet
103Kb / 6P
Schottky Rectifier, 1.0 A
29-May-12
VS-MBRA120TRPBF VISHAY-VS-MBRA120TRPBF Datasheet
110Kb / 6P
Schottky Rectifier, 1.0 A
04-Mar-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com