Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIMS22 Datasheet (PDF) - Major League Electronics

SIMS22 Datasheet PDF - Major League Electronics
Part # SIMS22
Download  SIMS22 Download
File Size   85.74 Kbytes
Page   2 Pages
Manufacturer  MAJOR-LEAGUE [Major League Electronics]
Direct Link  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics
Description 6 or 8 Pin Surface Mount SIM Connector

SIMS22 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIMS22 Datasheet PDF - Major League Electronics

Part # SIMS22
Download  SIMS22 Click to download

File Size   85.74 Kbytes
Page   2 Pages
Manufacturer  MAJOR-LEAGUE [Major League Electronics]
Direct Link  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics
Description 6 or 8 Pin Surface Mount SIM Connector

SIMS22 Datasheet (HTML) - Major League Electronics




Similar Part No. - SIMS22

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
SIMS26 MAJOR-LEAGUE-SIMS26 Datasheet
80Kb / 2P
6 or 8 Pin Surface Mount SIM Connector With Optional Post
More results


Similar Description - SIMS22

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
250058MA006G102ZL SUYIN-USA-250058MA006G102ZL Datasheet
180Kb / 1P
SIM CARD CONNECTOR 6 PIN
logo
Major League Electronic...
SIMS15 MAJOR-LEAGUE-SIMS15 Datasheet
86Kb / 2P
6 or 8 Pin Surface Mount SIM Connector With Switch and Optional Post
SIMS26 MAJOR-LEAGUE-SIMS26 Datasheet
80Kb / 2P
6 or 8 Pin Surface Mount SIM Connector With Optional Post
SIMS32 MAJOR-LEAGUE-SIMS32 Datasheet
111Kb / 2P
6 Pin Surface Mount SIM Connector
SIMS41 MAJOR-LEAGUE-SIMS41 Datasheet
86Kb / 2P
6 or 8 Pin Surface Mount SIM Connector With Optional Post
SIMS46 MAJOR-LEAGUE-SIMS46 Datasheet
87Kb / 2P
6 or 8 Pin Surface Mount SIM Connector With Switch & Optional Post
SIMS48 MAJOR-LEAGUE-SIMS48 Datasheet
91Kb / 2P
6 or 8 Pin Surface Mount SIM Connector With Optional Post
SIMS60 MAJOR-LEAGUE-SIMS60 Datasheet
87Kb / 2P
SIM Card Connector Push/Push Type 6 or 8 Pin
logo
Tyco Electronics
5145299-1 MACOM-5145299-1 Datasheet
260Kb / 1P
SIM/SAM CONNECTOR WITH LID, 8 POSN OR 6 POSN WITH SWITCH, SURFACE MOUNT
logo
Global Connector Techno...
SIM7100 GCT-SIM7100 Datasheet
267Kb / 3P
Micro SIM Card Connector - Push-Push Type 6 or 8 Pin, SMT, 1.50mm Profile
12th September 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com