Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMFT3055VL Datasheet (PDF) - Motorola, Inc

MMFT3055VL Datasheet PDF - Motorola, Inc
Part # MMFT3055VL
Download  MMFT3055VL Download
File Size   224.05 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TMOS POWER FET 1.5 AMPERES 60 VOLT

MMFT3055VL Datasheet (PDF)

Go To PDF Page Download Datasheet
MMFT3055VL Datasheet PDF - Motorola, Inc

Part # MMFT3055VL
Download  MMFT3055VL Click to download

File Size   224.05 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TMOS POWER FET 1.5 AMPERES 60 VOLT

MMFT3055VL Datasheet (HTML) - Motorola, Inc


MMFT3055VL Product details

TMOS V™ SOT-223 for Surface Mount

N–Channel Enhancement–Mode Silicon Gate



TMOS V is a new technology designed to achieve an on–resistance area product about one–half that of standard MOSFETs. This new technology more than doubles the present cell density of our 50 and 60 volt TMOS devices. Just as with our TMOS E–FET designs, TMOS V is designed to withstand high energy in the avalanche and commutation modes. Designed for low voltage, high speed switching applications in power supplies, converters and power motor controls, these devices are particularly well suited for bridge circuits where diode speed and commutating safe operating areas are critical and offer additional safety margin against unexpected voltage transients.



New Features of TMOS V

• On–resistance Area Product about One–half that of Standard MOSFETs with New Low Voltage, Low RDS(on) Technology

• Faster Switching than E–FET Predecessors



Features Common to TMOS V and TMOS E–FETS

• Avalanche Energy Specified

• IDSS and VDS(on) Specified at Elevated Temperature

• Static Parameters are the Same for both TMOS V and TMOS E–FET

• Available in 12 mm Tape & Reel

   Use MMFT3055VLT1 to order the 7 inch/1000 unit reel

   Use MMFT3055VLT3 to order the 13 inch/4000 unit reel



 




Similar Part No. - MMFT3055VL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMFT3055VL ONSEMI-MMFT3055VL Datasheet
224Kb / 10P
Power MOSFET
August, 2006 ??Rev. 3
MMFT3055VLT1 ONSEMI-MMFT3055VLT1 Datasheet
224Kb / 10P
Power MOSFET
August, 2006 ??Rev. 3
MMFT3055VLT3 ONSEMI-MMFT3055VLT3 Datasheet
224Kb / 10P
Power MOSFET
August, 2006 ??Rev. 3
More results


Similar Description - MMFT3055VL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
TMOS POWER FET 23 AMPERES 60 VOLTS
MTB23P06V MOTOROLA-MTB23P06V Datasheet
249Kb / 10P
TMOS POWER FET 23 AMPERES 60 VOLTS
MTB30P06V MOTOROLA-MTB30P06V Datasheet
247Kb / 10P
TMOS POWER FET 30 AMPERES 60 VOLTS
MTB50N06V MOTOROLA-MTB50N06V Datasheet
289Kb / 10P
TMOS POWER FET 42 AMPERES 60 VOLTS
MTB52N06V MOTOROLA-MTB52N06V Datasheet
198Kb / 10P
TMOS POWER FET 52 AMPERES 60 VOLTS
MTB52N06VL MOTOROLA-MTB52N06VL Datasheet
200Kb / 10P
TMOS POWER FET 52 AMPERES 60 VOLTS
MTB55N06Z MOTOROLA-MTB55N06Z Datasheet
146Kb / 6P
TMOS POWER FET 55 AMPERES 60 VOLTS
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
TMOS POWER FET 60 AMPERES 60 VOLTS
MTB75N06HD MOTOROLA-MTB75N06HD Datasheet
342Kb / 12P
TMOS POWER FET 75 AMPERES 60 VOLTS
MTD15N06V MOTOROLA-MTD15N06V Datasheet
218Kb / 10P
TMOS POWER FET 15 AMPERES 60 VOLTS
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com