Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMFT960T1 Datasheet (PDF) - Motorola, Inc

MMFT960T1 Datasheet PDF - Motorola, Inc
Part # MMFT960T1
Download  MMFT960T1 Download
File Size   122.05 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MEDIUM POWER TMOS FET 300 mA 60 VOLTS

MMFT960T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMFT960T1 Datasheet PDF - Motorola, Inc

Part # MMFT960T1
Download  MMFT960T1 Click to download

File Size   122.05 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MEDIUM POWER TMOS FET 300 mA 60 VOLTS

MMFT960T1 Datasheet (HTML) - Motorola, Inc


MMFT960T1 Product details

Medium Power Field Effect Transistor
N–Channel Enhancement–Mode Silicon Gate TMOS SOT–223 for Surface Mount

This TMOS medium power field effect transistor is designed for high speed, low loss power switching applications such as switching regulators, dc–dc converters, solenoid and relay drivers. The device is housed in the SOT–223 package which is designed for medium power surface mount applications.

• Silicon Gate for Fast Switching Speeds
• RDS(on) = 1.7 Ohm Max
• Low Drive Requirement
• The SOT–223 Package can be soldered using wave or reflow.
    The formed leads absorb thermal stress during soldering eliminating the possibility of damage to the die.
• Available in 12 mm Tape and Reel
    Use MMFT960T1 to order the 7 inch/1000 unit reel
    Use MMFT960T3 to order the 13 inch/4000 unit reel




Similar Part No. - MMFT960T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMFT960T1 ONSEMI-MMFT960T1 Datasheet
78Kb / 8P
Power MOSFET 300 mA, 60 Volts
November, 2000 ??Rev. 4
MMFT960T1 ONSEMI-MMFT960T1 Datasheet
64Kb / 4P
Power MOSFET 300 mA, 60 Volts N?묬hannel SOT??23
January, 2006 ??Rev. 5
MMFT960T1G ONSEMI-MMFT960T1G Datasheet
64Kb / 4P
Power MOSFET 300 mA, 60 Volts N?묬hannel SOT??23
January, 2006 ??Rev. 5
MMFT960T1 ONSEMI-MMFT960T1_06 Datasheet
64Kb / 4P
Power MOSFET 300 mA, 60 Volts N?묬hannel SOT??23
January, 2006 ??Rev. 5
More results


Similar Description - MMFT960T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMFT107T1 MOTOROLA-MMFT107T1 Datasheet
118Kb / 6P
MEDIUM POWER TMOS FET 250 mA, 200 VOLTS
MMFT2406T1 MOTOROLA-MMFT2406T1 Datasheet
90Kb / 6P
MEDIUM POWER TMOS FET 700 mA 240 VOLTS
MMFT2955E MOTOROLA-MMFT2955E Datasheet
178Kb / 10P
TMOS MEDIUM POWER FET 1.2 AMP 60 VOLTS
MMFT3055E MOTOROLA-MMFT3055E Datasheet
238Kb / 10P
MEDIUM POWER TMOS FET 1.7 AMP 60 VOLTS
MMFT3055EL MOTOROLA-MMFT3055EL Datasheet
236Kb / 10P
MEDIUM POWER LOGIC LEVEL TMOS FET 1.5 AMP 60 VOLTS
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
TMOS POWER FET 23 AMPERES 60 VOLTS
MTB23P06V MOTOROLA-MTB23P06V Datasheet
249Kb / 10P
TMOS POWER FET 23 AMPERES 60 VOLTS
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
TMOS POWER FET 60 AMPERES 60 VOLTS
MTD15N06V MOTOROLA-MTD15N06V Datasheet
218Kb / 10P
TMOS POWER FET 15 AMPERES 60 VOLTS
logo
ON Semiconductor
MMFT960T1 ONSEMI-MMFT960T1 Datasheet
78Kb / 8P
Power MOSFET 300 mA, 60 Volts
November, 2000 ??Rev. 4
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com