Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1051 Datasheet (PDF) - Analog Devices

ADP1051 Datasheet PDF - Analog Devices
Part # ADP1051
Download  ADP1051 Download
File Size   785.56 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Digital Controller for Isolated Power Supply with PMBus Interface

ADP1051 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP1051 Datasheet PDF - Analog Devices

Part # ADP1051
Download  ADP1051 Click to download

File Size   785.56 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Digital Controller for Isolated Power Supply with PMBus Interface

ADP1051 Datasheet (HTML) - Analog Devices


ADP1051 Product details

GENERAL DESCRIPTION
The ADP1051 is an advanced digital controller with a PMBusTM interface targeting high density, high efficiency dc-to-dc power conversion. This controller implements voltage mode control with high speed, input line feedforward for enhanced transient and improved noise performance. The ADP1051 has six programmable pulse-width modulation (PWM) outputs capable of controlling most high efficiency power supply topologies, with added control of synchronous rectification (SR). The device includes adaptive dead time compensation to improve efficiency over the load range, and programmable light load mode operation, combined with low power consumption, to reduce system standby power losses.

FEATURES
    Versatile digital voltage mode controller
    High speed input voltage feedforward control
    6 pulse-width modulation (PWM) logic outputs with 625 ps resolution
    Switching frequency: 49 kHz to 625 kHz
    Frequency synchronization as master and slave device
    Multiple energy saving modes
    Adaptive dead time compensation for efficiency optimization
    Low device power consumption: 100 mW typical
    Direct parallel control for power supplies without OR’ing devices Accurate droop current share Pre-bias startup Reverse current protection Conditional overvoltage protection
    Extensive fault detection and protection
    PMBus compliant
    Graphical user interface (GUI) for ease of programming
    On-board EEPROM for programming and data storage
    Available in a 24-lead, 4 mm × 4 mm LFCSP
    −40°C to +125°C operating temperature

APPLICATIONS
    High density isolated dc-to-dc power supplies Intermediate bus converters High availability parallel power systems
    Server, storage, industrial, networking, and communications infrastructure




Similar Part No. - ADP1051

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1051-240-EVALZ AD-ADP1051-240-EVALZ Datasheet
1Mb / 93P
Versatile digital voltage mode controller
Rev. A
More results


Similar Description - ADP1051

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
Digital Controller for Isolated Power Supply Applications
Rev. PrA
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
Digital DC/DC Controller with PMBus Interface
logo
Analog Devices
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
MAX8688 MAXIM-MAX8688_11 Datasheet
463Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
logo
Analog Devices
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1055 AD-ADP1055 Datasheet
1Mb / 140P
Digital Controller for Power Supply Applications with PMBus Interface
REV. A
logo
Monolithic Power System...
MP2953B MPS-MP2953B Datasheet
2Mb / 30P
Digital Multi-Phase Controller with PMBus Interface for VR12.5
logo
Analog Devices
ADM1293 AD-ADM1293 Datasheet
777Kb / 48P
Digital Power Monitor with PMBus Interface
3/15-Rev. A to Rev. B
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
Digital Controller for Isolated Power Supply with PMBus Interface
6/2017-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com