Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1190 Datasheet (PDF) - Analog Devices

ADP1190 Datasheet PDF - Analog Devices
Part # ADP1190
Download  ADP1190 Download
File Size   329.55 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated 500 mA Load Switch with Quad Signal Switch

ADP1190 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP1190 Datasheet PDF - Analog Devices

Part # ADP1190
Download  ADP1190 Click to download

File Size   329.55 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated 500 mA Load Switch with Quad Signal Switch

ADP1190 Datasheet (HTML) - Analog Devices


ADP1190 Product details

GENERAL DESCRIPTION
The ADP1190 is an integrated high-side load switch with four signal switches, designed for operation from 1.4 V to 3.6 V. This load switch provides power domain isolation for extended power battery life. The load switch is a low on-resistance P-channel MOSFET that supports up to 500 mA of continuous load current and minimizes power loss. Integrated with the load switch are four normally open 2 Ω SPST signal switches.

FEATURES
    Low input voltage range: 1.4 V to 3.6 V
    Power switch: low RDSON of 60 mΩ at 3.6 V, with active discharge
    4 normally open SPST signal switches: RDSON of 2 Ω at 1.8 V with active pull-down on one side
    500 mA continuous operating current
    Built-in level shift for control logic that can be operated by 1.2 V logic
    Ultralow shutdown current: <0.7 μA
    Ultrasmall 1.2 mm × 1.6 mm × 0.5 mm, 12-ball, 0.4 mm pitch WLCSP

APPLICATIONS
    Mobile phones
    SIM card disconnect switches
    Digital cameras and audio devices
    Portable and battery-powered equipment




Similar Part No. - ADP1190

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1190A AD-ADP1190A Datasheet
290Kb / 12P
Integrated 500 mA Load Switch with Quad Signal Switch
9/13-Revision 0
ADP1190AACBZ-R7 AD-ADP1190AACBZ-R7 Datasheet
290Kb / 12P
Integrated 500 mA Load Switch with Quad Signal Switch
9/13-Revision 0
More results


Similar Description - ADP1190

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6325L FAIRCHILD-FDC6325L Datasheet
98Kb / 5P
Integrated Load Switch
FDC6329L FAIRCHILD-FDC6329L Datasheet
282Kb / 7P
Integrated Load Switch
FDC6330L FAIRCHILD-FDC6330L Datasheet
185Kb / 7P
Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
Integrated Load Switch
FDG6324L FAIRCHILD-FDG6324L Datasheet
173Kb / 7P
Integrated Load Switch
SI3861DV FAIRCHILD-SI3861DV Datasheet
120Kb / 4P
Integrated Load Switch
FDG6342L FAIRCHILD-FDG6342L Datasheet
1Mb / 4P
Integrated Load Switch
FDZ2040L FAIRCHILD-FDZ2040L Datasheet
738Kb / 11P
Integrated Load Switch
logo
ON Semiconductor
FDC6329L ONSEMI-FDC6329L Datasheet
427Kb / 4P
Integrated Load Switch
October-2017, Rev. 3
logo
Analog Devices
ADP1190A AD-ADP1190A Datasheet
290Kb / 12P
Integrated 500 mA Load Switch with Quad Signal Switch
9/13-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com