Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL288 Datasheet (PDF) - Analog Devices

ADXL288 Datasheet PDF - Analog Devices
Part # ADXL288
Download  ADXL288 Download
File Size   76.17 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance, Dual-Axis Digital Output Accelerometer

ADXL288 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL288 Datasheet PDF - Analog Devices

Part # ADXL288
Download  ADXL288 Click to download

File Size   76.17 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance, Dual-Axis Digital Output Accelerometer

ADXL288 Datasheet (HTML) - Analog Devices


ADXL288 Product details

GENERAL DESCRIPTION

The ADXL288 is a dual-axis accelerometer with signal conditioned outputs available via a 16-bit SPI interface. Identical, independent X and Y sense structures are implemented to create a high performance, high integrity acceleration sensing system. The X and Y acceleration channels have a nominal full-scale range of ±120 g and a bandwidth of 408 Hz. The acceleration data is provided as a 12-bit, twos complement word with a resolution of 62.5 mg/LSB.



FEATURES

±120 g full-scale range

  12-bit resolution at 62.5 mg/LSB

  512 kHz data interpolation rate

Sensor frequency response down to dc

On-demand electromechanical self-test

Fully differential circuitry for high resistance to EMI/RFI

 Independent x- and y-axis sense structures for robust FMEA performance

Independent x- and y-axis arming thresholds

Low noise: 1 LSB rms typical

Qualified for automotive applications

Temperature range: −40°C to +105°C

3.3 V and 5 V operation



APPLICATIONS

Impact sensing

Shock detection




Similar Part No. - ADXL288

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV.B
ADXL202AE AD-ADXL202AE Datasheet
154Kb / 12P
Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV.A
ADXL202AQC AD-ADXL202AQC Datasheet
124Kb / 11P
Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV.B
ADXL202E AD-ADXL202E Datasheet
154Kb / 12P
Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV.A
ADXL202E AD-ADXL202E Datasheet
147Kb / 12P
Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
More results


Similar Description - ADXL288

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXD6125Q ETC1-MXD6125Q Datasheet
100Kb / 6P
Ultra High Performance 짹1g Dual Axis Accelerometer with Digital Outputs
logo
Analog Devices
ADIS16209 AD-ADIS16209 Datasheet
286Kb / 16P
High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
ADIS16209 AD-ADIS16209_08 Datasheet
450Kb / 16P
High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
REV. 0
logo
Freescale Semiconductor...
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
Digital Dual Axis Micromachined Accelerometer
logo
VTI technologies
SCA3100-D07 VTI-SCA3100-D07 Datasheet
129Kb / 4P
3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3100-D04 VTI-SCA3100-D04 Datasheet
148Kb / 6P
3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
logo
Freescale Semiconductor...
MMA6222KEG FREESCALE-MMA6222KEG Datasheet
383Kb / 34P
Digital Dual Axis Micromachined Accelerometer
D3172MMA7361LC FREESCALE-D3172MMA7361LC Datasheet
463Kb / 35P
Three Axis Low-g Digital Output Accelerometer
logo
List of Unclassifed Man...
MXD6125QB ETC2-MXD6125QB Datasheet
190Kb / 6P
Ultra High Performance 짹1g Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXD6235Q MEMSIC-MXD6235Q Datasheet
141Kb / 6P
Ultra High Performance 짹1g Dual Axis Accelerometer with Digital Outputs
Rev.A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com