Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1478764 Datasheet (PDF) - Tyco Electronics

1478764 Datasheet PDF - Tyco Electronics
Part # 1478764
Download  1478764 Download
File Size   55.35 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description CRIMP KIT FOR ADK SERIES

1478764 Datasheet (PDF)

Go To PDF Page Download Datasheet
1478764 Datasheet PDF - Tyco Electronics

Part # 1478764
Download  1478764 Click to download

File Size   55.35 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description CRIMP KIT FOR ADK SERIES

1478764 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 1478764

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1478760000 WEIDMULLER-1478760000 Datasheet
87Kb / 4P
BLAC 9R OR
1478760000 WEIDMULLER-1478760000 Datasheet
88Kb / 4P
BLAC 4R OR
1478760000 WEIDMULLER-1478760000 Datasheet
88Kb / 4P
BLAC 8R OR
logo
Tyco Electronics
1478763 MACOM-1478763 Datasheet
95Kb / 1P
ADK SERIES DIE-CAST BACKSHELL 45 DEGREE ENTRY
logo
TE Connectivity Ltd
1478768 TEC-1478768 Datasheet
64Kb / 1P
METRIC ANTI-VIBRATION GLAND & LOCK NUT KIT NYLON - GREY 12- 63 mm RANGE
More results


Similar Description - 1478764

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638237670 MOLEX11-0638237670 Datasheet
30Kb / 1P
Crimp Tool Kit for 0.60mm CP 0.6 Crimp Terminals
0638237770 MOLEX11-0638237770 Datasheet
31Kb / 1P
Crimp Tool Kit for 1.50mm CP 1.5 Crimp Terminals
0638237870 MOLEX11-0638237870 Datasheet
30Kb / 1P
Crimp Tool Kit for JAE MX19 Crimp Terminals
64008-1170 MOLEX-64008-1170 Datasheet
110Kb / 2P
Crimp Tool Kit for 120mm2 Compression Lugs
11-03-13
64008-0370 MOLEX-64008-0370 Datasheet
110Kb / 2P
Crimp Tool Kit for 16mm2 Compression Lugs
11-03-13
ATS-640080170 MOLEX-ATS-640080170 Datasheet
109Kb / 2P
Crimp Tool Kit for 6mm2 Compression Lugs
11-03-13
ATS-640080270 MOLEX-ATS-640080270 Datasheet
109Kb / 2P
Crimp Tool Kit for 10mm2 Compression Lugs
11-03-13
ATS-6381147HM MOLEX-ATS-6381147HM Datasheet
549Kb / 8P
Tool Kit for MLX Crimp Terminals
07-24-17
ATS-6381152HM MOLEX-ATS-6381152HM Datasheet
687Kb / 9P
Tool Kit for SPOX??Crimp Terminals
06-30-11
ATS-6381175HM MOLEX-ATS-6381175HM Datasheet
899Kb / 12P
Tool Kit for KK Crimp Terminals
08-03-17
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com