Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM520 Datasheet (PDF) - Kwang Myoung I.S. CO.,LTD

EM520 Datasheet PDF - Kwang Myoung I.S. CO.,LTD
Part # EM520
Download  EM520 Download
File Size   3895.64 Kbytes
Page   2 Pages
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD
Description High Voltage Glass Passivated Junction Rectifiers VOLTAGE RANGE : 2000 VOLTS

EM520 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM520 Datasheet PDF - Kwang Myoung I.S. CO.,LTD

Part # EM520
Download  EM520 Click to download

File Size   3895.64 Kbytes
Page   2 Pages
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD
Description High Voltage Glass Passivated Junction Rectifiers VOLTAGE RANGE : 2000 VOLTS

EM520 Datasheet (HTML) - Kwang Myoung I.S. CO.,LTD


EM520 Product details

FEATURES

• Low forward voltage drop

• High current capability

• High reliability

• High surge current capability

• Repetitive peak reverse voltage : 1250V - 2000V

• The plastic material carries U/L recognition 94V-O



 




Similar Part No. - EM520

ManufacturerPart #DatasheetDescription
logo
Dc Components
EM520 DCCOM-EM520 Datasheet
376Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
EM520 DCCOM-EM520 Datasheet
377Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Shenzhen Taychipst Elec...
EM520 TAYCHIPST-EM520 Datasheet
715Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
Frontier Electronics.
EM520 FRONTIER-EM520 Datasheet
120Kb / 2P
1A GENERAL PURPOSE PLASTIC RECTIFIER
logo
Olitech Electronics Co....
EM520 OLITECH-EM520 Datasheet
337Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
More results


Similar Description - EM520

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GP02-20 GE-GP02-20 Datasheet
59Kb / 2P
HIGH VOLTAGE GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
GI250-1 GOOD-ARK-GI250-1 Datasheet
141Kb / 2P
HIGH VOLTAGE GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GI250-1 VISHAY-GI250-1 Datasheet
102Kb / 4P
High Voltage Glass Passivated Junction Rectifier
03-Apr-08
logo
Shanghai Lunsure Electr...
GP20A CHENYI-GP20A Datasheet
47Kb / 3P
2.0Amp glass passivated junction rectifiers 50to1000 volts
GP30A CHENYI-GP30A Datasheet
48Kb / 3P
3.0Amp glass passivated junction rectifiers 50to1000 volts
logo
Vishay Siliconix
GP02-20 VISHAY-GP02-20 Datasheet
77Kb / 4P
High Voltage Glass Passivated Junction Rectifier
15-Mar-11
logo
Shenzhen Taychipst Elec...
GP02-20 TAYCHIPST-GP02-20 Datasheet
4Mb / 2P
HIGH VOLTAGE GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GP02-40-E3 VISHAY-GP02-40-E3 Datasheet
77Kb / 4P
High Voltage Glass Passivated Junction Rectifier
15-Mar-11
logo
GOOD-ARK Electronics
BY127 GOOD-ARK-BY127_15 Datasheet
113Kb / 2P
High Voltage Glass Passivated Junction Rectifiers Reverse Voltage 1250 to 2000 Volts Forward Current 1.0 Ampere
logo
Rectron Semiconductor
R2000FG RECTRON-R2000FG Datasheet
218Kb / 5P
SURFACE MOUNT GLASS PASSIVATED HIGH VOLTAGE FAST RECOVERY RECTIFIER VOLTAGE RANGE 2000 Volts CURRENT 0.5 Ampere
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com