Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX1272 Datasheet (PDF) - Semtech Corporation

SX1272 Datasheet PDF - Semtech Corporation
Part # SX1272
Download  SX1272 Download
File Size   448.09 Kbytes
Page   1 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 860-1050 MHz Ultra Low Power Long Range Transceiver

SX1272 Datasheet (PDF)

Go To PDF Page Download Datasheet
SX1272 Datasheet PDF - Semtech Corporation

Part # SX1272
Download  SX1272 Click to download

File Size   448.09 Kbytes
Page   1 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 860-1050 MHz Ultra Low Power Long Range Transceiver

SX1272 Datasheet (HTML) - Semtech Corporation


SX1272 Product details

GENERAL DESCRIPTION

Semtech’s SX1272/73 family provides ultra long range while maintaining low current consumption, making it optimal for numerous applications.

With Semtech’s patented modulation technique the device can achieve sensitivity of over -138.5 dBm using a low cost crystal and bill of materials. The high sensitivity combined with the integrated +20 dBm power amplifier creates the highest link budget making it optimal for any application requiring range. This modulation technique also provides significant advantages in blocking and selectivity over FSK.



KEY PRODUCT FEATURES

158 dB maximum link budget

+20 dBm - 100 mW constant RF outputvs. V supply

+14 dBm high efficiency PA

Programmable bit rate up to 300 kbps

High sensitivity: down to -138.5 dBm

Bullet-proof front end: IIP3 = -12 dBm with FSK

100 dB blocking immunity

Low RX current of 10 mA, 200 nA register retention

Fully integrated synthesizer with a resolution of 61 Hz

FSK, GFSK, MSK, GMSK, LORA and OOK modulations

Built-in bit synchronizer for clock recovery

Sync word recognition

Preamble detection

115 dB+ Dynamic Range RSSI

Automatic RF Sense with ultra-fast AFC

Packet engine up to 64 bytes with CRC

Built-in temperature sensor and low battery indicator




Similar Part No. - SX1272

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
Low Power Long Range Transceiver
SX1272MB2DAS SEMTECH-SX1272MB2DAS Datasheet
844Kb / 4P
Hardware Description
More results


Similar Description - SX1272

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1276 SEMTECH-SX1276 Datasheet
348Kb / 1P
137-1050 MHz Ultra Low Power Long Range Transceiver
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
Low Power Long Range Transceiver Module
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
Low Power Long Range Transceiver
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
Low Power Long Range Transceiver
RFM95 HOPE-RFM95 Datasheet
1Mb / 121P
Low Power Long Range Transceiver Module
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
Low Power Long Range Transceiver Module V2.0
logo
AUREL S.p.A.
650201347G AUREL-650201347G Datasheet
107Kb / 1P
Half-duplex Long Range Transceiver 869 MHz Long Range GFSK Transceiver
15.10.2016 - Rev A
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com