Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4241 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE4241 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE4241
Download  PE4241 Download
File Size   251.04 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description C Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing

PE4241 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4241 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE4241
Download  PE4241 Click to download

File Size   251.04 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description C Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing

PE4241 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE4241 Product details

Description
Pasternack’s PE4241 type C female connector solder attachment 4 hole flange mount solder cup terminal, .718 inch hole spacing is part of our full line of RF components available for same-day shipping. Our type C female connector operates up to a maximum frequency of 10 GHz and offers good VSWR of 1.3:1. This type C 4 hole flange connector allows designers to create external connections on their product enclosures, and can be used in a variety of other rack mount and panel mount applications.

Configuration
• C Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• 4 Hole Flange

Features
• Max. Operating Frequency 10 GHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact

Applications
• General Purpose Test
• Rack and Panel Mount Applications
.




Similar Part No. - PE4241

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4241 PEREGRINE-PE4241 Datasheet
273Kb / 8P
SPDT UltraCMOS??RF Switch
logo
Pasternack Enterprises,...
PE4241 PASTERNACK-PE4241 Datasheet
352Kb / 3P
C Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal,
logo
Peregrine Semiconductor...
PE4241-EK PEREGRINE-PE4241-EK Datasheet
273Kb / 8P
SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor
PE42412 PSEMI-PE42412 Datasheet
1Mb / 25P
SP12T RF Switch, 10 MHz?? GHz
PE42412A-X PSEMI-PE42412A-X Datasheet
1Mb / 25P
SP12T RF Switch, 10 MHz?? GHz
More results


Similar Description - PE4241

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4131 PASTERNACK-PE4131 Datasheet
239Kb / 2P
N Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4218 PASTERNACK-PE4218 Datasheet
217Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4012 PASTERNACK-PE4012 Datasheet
238Kb / 2P
UHF Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4322 PASTERNACK-PE4322 Datasheet
205Kb / 2P
SC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4395 PASTERNACK-PE4395 Datasheet
219Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4486 PASTERNACK-PE4486 Datasheet
229Kb / 3P
N Female Right Angle Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4503 PASTERNACK-PE4503 Datasheet
217Kb / 3P
75 Ohm N Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE44096 PASTERNACK-PE44096 Datasheet
220Kb / 3P
C Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE44117 PASTERNACK-PE44117 Datasheet
240Kb / 3P
C Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing, High Voltage
PE4218 PASTERNACK-PE4218_16 Datasheet
320Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .718 inch Hole Spacing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com