Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4139 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE4139 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE4139
Download  PE4139 Download
File Size   259.05 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N Female Bulkhead Connector Solder Attachment Pin Terminal, .640 inch DD Hole

PE4139 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4139 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE4139
Download  PE4139 Click to download

File Size   259.05 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N Female Bulkhead Connector Solder Attachment Pin Terminal, .640 inch DD Hole

PE4139 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE4139 Product details

Description
Pasternack’s PE4139 type N female bulkhead mount connector solder attachment pin terminal, .640 inch DD hole is part of our full line of RF components available for same-day shipping. Our type N female connector operates up to a maximum frequency of 11 GHz. This type N bulkhead connector allows designers to create external connections on their product enclosures, and can be used in a variety of other rack mount and panel mount applications.

Configuration
• N Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• Pin Interface Type
• Solder Attachment
• Bulkhead

Features
• Max. Operating Frequency 11 GHz
• Gold Plated Brass Contact
• 30 µin minimum contact plating

Applications
• General Purpose Test
• Rack and Panel Mount Applications




Similar Part No. - PE4139

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4139 PASTERNACK-PE4139 Datasheet
346Kb / 3P
N Female Bulkhead Mount Connector Solder Attachment Pin Terminal
PE4139 PASTERNACK-PE4139_16 Datasheet
346Kb / 3P
N Female Bulkhead Mount Connector Solder Attachment Pin Terminal
More results


Similar Description - PE4139

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4137 PASTERNACK-PE4137 Datasheet
258Kb / 3P
N Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .640 inch DD Hole
PE44530 PASTERNACK-PE44530 Datasheet
269Kb / 2P
N Female Bulkhead Connector Crimp/Solder Attachment For PE-C400, 0.400 inch, .640 inch DD Hole
PE4297 PASTERNACK-PE4297 Datasheet
228Kb / 3P
N Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .640 inch DD Hole
PE44528 PASTERNACK-PE44528 Datasheet
260Kb / 2P
N Female Bulkhead Connector Crimp/Solder Attachment For PE-C195, 0.195 inch, .640 inch DD Hole
PE44531 PASTERNACK-PE44531 Datasheet
218Kb / 3P
N Female Bulkhead Connector Crimp/Solder Attachment For PE-C600, LMR-600, .640 inch DD Hole
PE4505 PASTERNACK-PE4505 Datasheet
207Kb / 2P
75 Ohm N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .640 inch DD Hole
PE4442 PASTERNACK-PE4442 Datasheet
227Kb / 3P
N Female Bulkhead Connector Crimp-Solder Attachment For RG174, RG316, RG188, .640 inch DD Hole
PE4489 PASTERNACK-PE4489 Datasheet
259Kb / 3P
N Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .640 inch DD Hole
PE44397 PASTERNACK-PE44397 Datasheet
224Kb / 2P
N Female Bulkhead Connector Solder Attachment Thru Hole PCB, .640 inch DD Hole
PE44767 PASTERNACK-PE44767 Datasheet
219Kb / 2P
N Female Bulkhead Connector Crimp-Solder Attachment For LMR-200, .640 inch DD Hole
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com