Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTCM322TA Datasheet (PDF) - Diodes Incorporated

ZXTCM322TA Datasheet PDF - Diodes Incorporated
Part # ZXTCM322TA
Download  ZXTCM322TA Download
File Size   400.2 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description MPPS Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR

ZXTCM322TA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTCM322TA Datasheet PDF - Diodes Incorporated

Part # ZXTCM322TA
Download  ZXTCM322TA Click to download

File Size   400.2 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description MPPS Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR

ZXTCM322TA Datasheet (HTML) - Diodes Incorporated


ZXTCM322TA Product details

DESCRIPTION
Packaged in the innovative 2mm x 2mm MLP (Micro Leaded Package) outline, this new 4th generation low saturation transistor offers extremely low on state losses making it ideal for use in DC-DC circuits and various driving and power management functions.

Additionally users will also gain several other key benefits:
   Performance capability equivalent to much larger packages
   Improved circuit efficiency & power levels
   Lower package height (nom 0.9mm)
   PCB area and device placement savings
   Reduced component count

FEATURES
• Low Equivalent On Resistance
• Extremely Low Saturation Voltage (100mV max @1A)
• hFE specified up to 6A
• IC= 4A Continuous Collector Current
• 2mm x 2mm MLP

APPLICATIONS
• DC - DC Converters
• Charging Circuits
• Power switches
• Motor control




Similar Part No. - ZXTCM322TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTCM322TA ZETEX-ZXTCM322TA Datasheet
185Kb / 6P
MPPS??Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
More results


Similar Description - ZXTCM322TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTDAM832 ZETEX-ZXTDAM832 Datasheet
216Kb / 6P
MPPS Miniature Package Power Solutions DUAL 15V NPN LOW SATURATION SWITCHING TRANSISTOR
ZXTAM322 ZETEX-ZXTAM322 Datasheet
180Kb / 6P
MPPS Miniature Package Power Solutions 15V NPN LOW SATURATION TRANSISTOR
ZXTEM322 ZETEX-ZXTEM322 Datasheet
166Kb / 6P
MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXTDC3M832 ZETEX-ZXTDC3M832 Datasheet
266Kb / 8P
MPPS Miniature Package Power Solutions DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTBM322 ZETEX-ZXTBM322 Datasheet
177Kb / 6P
MPPS??Miniature Package Power Solutions 20V NPN LOW SATURATION TRANSISTOR
ZXTCM322 ZETEX-ZXTCM322 Datasheet
185Kb / 6P
MPPS??Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
ZXTDCM832 ZETEX-ZXTDCM832 Datasheet
214Kb / 6P
MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTEM322 ZETEX-ZXTEM322_06 Datasheet
209Kb / 6P
MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXT2M322 ZETEX-ZXT2M322_07 Datasheet
164Kb / 6P
MPPS??Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT2M322 DIODES-ZXT2M322 Datasheet
363Kb / 6P
MPPS??Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
JANUARY 2007
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com