Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3R108 Datasheet (PDF) - 3M Electronics

3R108 Datasheet PDF - 3M Electronics
Part # 3R108
Download  3R108 Download
File Size   1957.69 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M Industrial RJ45 Modular Plug

3R108 Datasheet (PDF)

Go To PDF Page Download Datasheet
3R108 Datasheet PDF - 3M Electronics

Part # 3R108
Download  3R108 Click to download

File Size   1957.69 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M Industrial RJ45 Modular Plug

3R108 Datasheet (HTML) - 3M Electronics


3R108 Product details

Features
■ Allows customers to use only the cable length they need
■ Easy and reliable IDC termination with no special wire prep; no stripping, tinning
■ or special tooling
■ Compatible to double-shielded Cat5e cables
■ Solid Wire: AWG 24
■ Stranded Wire: AWG 24-26 (7 wires)
■ Max Diameter: 6.8 mm
■ Robust structured latch helps minimize breakages
■ 4-side shielding
■ Compact length: 44 mm
■ EU RoHS Compliant*
■ Programmable Logic Controller (PLCs)
■ Remote I/Os
■ Human Machine Interface (HMIs)
■ Industrial PCs
■ Industrial Robots
■ Inspection Cameras Specifi cations Material: PBT body and case cover, Nylon latch Flammability: UL94V-0 Current Rating: 0.5 Amps Voltage Rating: 24V (AC/DC) Temperature Rating: -40ºC to 70ºC




Similar Part No. - 3R108

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3R1000R ETC1-3R1000R Datasheet
48Kb / 1P
SCHOTTKY RECTIERS SILICON RECTIFIER DIODES
3R100R ETC1-3R100R Datasheet
48Kb / 1P
SCHOTTKY RECTIERS SILICON RECTIFIER DIODES
More results


Similar Description - 3R108

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-2004-2-4-LP-FS-N-R ASSMANN-A-2004-2-4-LP-FS-N-R Datasheet
234Kb / 1P
MODULAR JACK, RJ45
A-2004-2-4-LPS-N-R ASSMANN-A-2004-2-4-LPS-N-R Datasheet
228Kb / 1P
MODULAR JACK, RJ45
logo
Red Lion Controls. Inc
7900CPU REDLION-7900CPU Datasheet
875Kb / 4P
Modular Industrial Switchwww
logo
Belden Inc.
RVAIP2UBK-B24 BELDEN-RVAIP2UBK-B24 Datasheet
267Kb / 2P
DataTuff Industrial REVConnect RJ45 Plug CAT6A UTP
RVAIP2SME-B24 BELDEN-RVAIP2SME-B24 Datasheet
272Kb / 2P
DataTuff Industrial REVConnect RJ45 Plug CAT6A STP
logo
3M Electronics
7071UV 3M-7071UV Datasheet
338Kb / 2P
3M Industrial Protective Film
Jan-2017
4799 3M-4799 Datasheet
128Kb / 4P
3M™ Industrial Adhesive 4799
Mar-2015
logo
HARTING Technology Grou...
09-45-400-1520 HARTING-09-45-400-1520 Datasheet
468Kb / 2P
Han-Modular RJ45 GL Cat6A plug 8p
09-45-400-1560 HARTING-09-45-400-1560 Datasheet
466Kb / 2P
Han-Modular RJ45 10G Cat6 plug 8p IDC
logo
Tripp Lite. All Rights ...
N232-050-UTP TRIPPLITE-N232-050-UTP Datasheet
57Kb / 2P
Cat6 RJ45 Pass-Through UTP Modular Plug, 50 Pack
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com