Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4255 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE4255 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE4255
Download  PE4255 Download
File Size   226.27 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 Ohm SMB Jack Bulkhead Connector Crimp/Solder Attachment For RG179, RG187, .285 inch D Hole

PE4255 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4255 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE4255
Download  PE4255 Click to download

File Size   226.27 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 Ohm SMB Jack Bulkhead Connector Crimp/Solder Attachment For RG179, RG187, .285 inch D Hole

PE4255 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE4255 Product details

Description
Pasternack’s PE4255 75 ohm SMB jack bulkhead connector with crimp/solder attachment for RG179 and RG187 (.285 inch D hole) is part of our full line of RF components available for same-day shipping. Our SMB jack connector operates up to a maximum frequency of 4 GHz. This SMB bulkhead connector allows designers to create external connections on their product enclosures, and can be used in a variety of other rack mount and panel mount applications.

Configuration
• SMB Jack Connector
• MIL-C-39012
• 75 Ohms
• Straight Body Geometry
• RG179, RG187 Interface Type
• Crimp/Solder Attachment
• Bulkhead

Features
• Max. Operating Frequency 4 GHz
• Gold Plated Contact
• Contact plating according to MIL-G-45204

Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Custom Cable Assemblies




Similar Part No. - PE4255

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42551 PEREGRINE-PE42551 Datasheet
819Kb / 9P
SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor
PE42551 PSEMI-PE42551 Datasheet
819Kb / 9P
SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42551 PEREGRINE-PE42551 Datasheet
819Kb / 9P
SPDT UltraCMOS
PE42551 PEREGRINE-PE42551_15 Datasheet
819Kb / 9P
RF Switch
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
SPDT UltraCMOS RF Switch DC - 7500 MHz
More results


Similar Description - PE4255

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44266 PASTERNACK-PE44266 Datasheet
307Kb / 3P
75 Ohm 1.6/5.6 Jack Bulkhead Connector Crimp/Solder Attachment For RG179, RG187, .362 inch DD Hole
PE4925 PASTERNACK-PE4925 Datasheet
262Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG179, RG187, .285 inch D Hole
PE4928 PASTERNACK-PE4928 Datasheet
254Kb / 2P
75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG179, RG187
PE4248 PASTERNACK-PE4248 Datasheet
250Kb / 1P
75 Ohm SMB Plug Connector Crimp/Solder Attachment For RG179,RG187
PE4281 PASTERNACK-PE4281 Datasheet
263Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG180, RG195, 285 inch D HOLE
PE44326 PASTERNACK-PE44326 Datasheet
256Kb / 2P
75 Ohm F Female Bulkhead Connector Crimp/ Solder Attachment For RG179, RG187
PE4254 PASTERNACK-PE4254 Datasheet
217Kb / 2P
75 Ohm SMC Jack Connector Crimp-Solder Attachment For RG179, RG187
PE4640 PASTERNACK-PE4640 Datasheet
322Kb / 3P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For RG179, RG187, .480 inch D Hole
PE4906 PASTERNACK-PE4906 Datasheet
312Kb / 2P
75 Ohm SMC Jack Bulkhead Connector Clamp - Solder Attachment For RG179, RG187
PE44872 PASTERNACK-PE44872 Datasheet
253Kb / 3P
75 Ohm SMB Jack Connector Crimp-Solder Attachment For RG179, RG187
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com