Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KF1N60L Datasheet (PDF) - KEC(Korea Electronics)

KF1N60L Datasheet PDF - KEC(Korea Electronics)
Part # KF1N60L
Download  KF1N60L Download
File Size   882.3 Kbytes
Page   7 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.

KF1N60L Datasheet (PDF)

Go To PDF Page Download Datasheet
KF1N60L Datasheet PDF - KEC(Korea Electronics)

Part # KF1N60L
Download  KF1N60L Click to download

File Size   882.3 Kbytes
Page   7 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.

KF1N60L Datasheet (HTML) - KEC(Korea Electronics)


KF1N60L Product details

General Description
This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics. It is mainly suitable for switching mode power supplies.

FEATURES
• VDSS= 600V, ID= 0.5A
• RDS(ON)=10Ω (Max) @VGS = 10V
• Qg(typ) = 4.0nC




Similar Part No. - KF1N60L

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KF1N60L KEC-KF1N60L_15 Datasheet
882Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Similar Description - KF1N60L

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
KF4N80F MORNSUN-KF4N80F Datasheet
391Kb / 6P
This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
logo
KEC(Korea Electronics)
KMA3D6N20SA KEC-KMA3D6N20SA_12 Datasheet
705Kb / 5P
This Trench MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
KMD6D0DN40Q KEC-KMD6D0DN40Q Datasheet
378Kb / 5P
This Trench MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics. It is mainly suitable for DC/DC Converters.
KF2N60L KEC-KF2N60L Datasheet
1Mb / 7P
This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
KPS8N60D KEC-KPS8N60D Datasheet
388Kb / 6P
This Super Junction MOSFET has better characteristics
KPS8N60F KEC-KPS8N60F Datasheet
390Kb / 6P
This Super Junction MOSFET has better characteristics
KPS8N65F KEC-KPS8N65F Datasheet
993Kb / 6P
This Super Junction MOSFET has better characteristics
KPS11N60F KEC-KPS11N60F Datasheet
390Kb / 6P
This Super Junction MOSFET has better characteristics
KPS11N65F KEC-KPS11N65F Datasheet
390Kb / 6P
This Super Junction MOSFET has better characteristics
KPS15N60F KEC-KPS15N60F Datasheet
390Kb / 6P
This Super Junction MOSFET has better characteristics
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com