Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP225Y Datasheet (PDF) - Power Integrations, Inc.

TOP225Y Datasheet PDF - Power Integrations, Inc.
Part # TOP225Y
Download  TOP225Y Download
File Size   483.03 Kbytes
Page   21 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Three-terminal Off-line PWM Switch

TOP225Y Datasheet (PDF)

Go To PDF Page Download Datasheet
TOP225Y Datasheet PDF - Power Integrations, Inc.

Part # TOP225Y
Download  TOP225Y Click to download

File Size   483.03 Kbytes
Page   21 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Three-terminal Off-line PWM Switch

TOP225Y Datasheet (HTML) - Power Integrations, Inc.


TOP225Y Product details

Description
The second generation TOPSwitch™-II family is more cost effective and provides several enhancements over the frst generation TOPSwitch family. The TOPSwitch-II family extends the power range from 100W to 150W for 100/115/230 VAC input and from 50W to 90W for 85-265 VAC universal input. This brings TOPSwitch technology advantages to many new applications, i.e. TV, Monitor, Audio amplifers, etc. Many signifcant circuit enhancements that reduce the sensitivity to board layout and line transients now make the design even easier.

Product Highlights
• Lowest cost, lowest component count switcher solution
• Cost competitive with linears above 5 W
• Very low AC/DC losses – up to 90% effciency
• Built-in Auto-restart and Current limiting
• Latching Thermal shutdown for system level protection
• Implements Flyback, Forward, Boost or Buck topology
• Works with primary or opto feedback
• Stable in discontinuous or continuous conduction mode
• Source connected tab for low EMI
• Circuit simplicity and Design Tools reduce time to market




Similar Part No. - TOP225Y

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP225Y POWERINT-TOP225Y Datasheet
176Kb / 20P
Three-terminal Off-line PWM Switch
TOP225Y POWERINT-TOP225Y Datasheet
480Kb / 20P
Three-terminal Off-line PWM Switch
TOP225Y POWERINT-TOP225Y Datasheet
480Kb / 20P
Lowest cost, lowest component count switcher solution
TOP225Y POWERINT-TOP225Y Datasheet
483Kb / 21P
Three-terminal Off-line PWM Switch
TOP225Y POWERINT-TOP225Y Datasheet
492Kb / 21P
Three-terminal Off-line PWM Switch
More results


Similar Description - TOP225Y

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP100-4 POWERINT-TOP100-4 Datasheet
166Kb / 20P
Three-terminal Off-line PWM Switch
TOP200-4 POWERINT-TOP200-4 Datasheet
160Kb / 16P
Three-terminal Off-line PWM Switch
TOP221P POWERINT-TOP221P Datasheet
176Kb / 20P
Three-terminal Off-line PWM Switch
TOP224YN POWERINT-TOP224YN Datasheet
480Kb / 20P
Three-terminal Off-line PWM Switch
TOP221GN POWERINT-TOP221GN Datasheet
483Kb / 21P
Three-terminal Off-line PWM Switch
TOP224GN POWERINT-TOP224GN Datasheet
483Kb / 21P
Three-terminal Off-line PWM Switch
TOP101YN POWERINT-TOP101YN Datasheet
1Mb / 18P
Three-terminal Off-line PWM Switch
TOP221GN-TL POWERINT-TOP221GN-TL Datasheet
480Kb / 20P
Three-terminal Off-line PWM Switch
TOP221 POWERINT-TOP221 Datasheet
1Mb / 20P
Three-Terminal Off-Line PWM Switch
TOP200 POWERINT-TOP200_V01 Datasheet
128Kb / 16P
Three-terminal Off-line PWM Switch
July 1996
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com