Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOC256 Datasheet (PDF) - Motorola, Inc

MOC256 Datasheet PDF - Motorola, Inc
Part # MOC256
Download  MOC256 Download
File Size   123.16 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SMALL OUTLINE OPTOISOLATORS AC INPUT TRANSISTOR OUTPUT

MOC256 Datasheet (PDF)

Go To PDF Page Download Datasheet
MOC256 Datasheet PDF - Motorola, Inc

Part # MOC256
Download  MOC256 Click to download

File Size   123.16 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SMALL OUTLINE OPTOISOLATORS AC INPUT TRANSISTOR OUTPUT

MOC256 Datasheet (HTML) - Motorola, Inc


MOC256 Product details

The MOC256 is an AC input phototransistor optocoupler. The device consists of two infrared emitters connected in anti–parallel and coupled to a silicon NPN phototransistor detector. They are designed for applications requiring the detection or monitoring of AC signals. These devices are constructed with a standard SOIC–8 footprint.
   
• Guaranteed Current Transfer Ratio CTR of 20% at IF=10 mA
• UL Recognized. File Number E54915
• Industry Standard SOIC–8 Surface Mountable Package
• Standard Lead Spacing of 0.050 inches
• Available in Tape and Reel Option (Conforms to EIA Standard RS481A)
• Bidirectional AC Input (Protection Against Reversed DC Bias)
• Guaranteed CTR Symmetry of 2:1 Maximum
• High Input–Output Isolation of 3000 Vac (rms) Guaranteed
   




Similar Part No. - MOC256

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC256 FAIRCHILD-MOC256 Datasheet
486Kb / 7P
AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOC256-M FAIRCHILD-MOC256-M Datasheet
486Kb / 7P
AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOC256-M FAIRCHILD-MOC256-M Datasheet
105Kb / 7P
AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
More results


Similar Description - MOC256

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11AA1 MOTOROLA-H11AA1 Datasheet
281Kb / 6P
6-Pin DIP Optoisolators AC Input/Transistor Output
MOC205 MOTOROLA-MOC205 Datasheet
118Kb / 4P
SMALL OUTLINE OPTOISOLATORS TRANSISTOR OUTPUT
MOC215 MOTOROLA-MOC215 Datasheet
113Kb / 4P
SMALL OUTLINE OPTOISOLATORS TRANSISTOR OUTPUT
MOC223 MOTOROLA-MOC223 Datasheet
109Kb / 4P
SMALL OUTLINE OPTOISOLATORS DARLINGTON OUTPUT
MOC263 MOTOROLA-MOC263 Datasheet
111Kb / 4P
SMALL OUTLINE OPTOISOLATORS DARLINGTON OUTPUT NO BASE CONNECTION
logo
Fairchild Semiconductor
MOC205 FAIRCHILD-MOC205 Datasheet
520Kb / 10P
SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC211 FAIRCHILD-MOC211 Datasheet
499Kb / 9P
SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC211-M FAIRCHILD-MOC211-M Datasheet
515Kb / 10P
SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
logo
Texas Instruments
TIL187-1 TI-TIL187-1 Datasheet
312Kb / 9P
AC-INPUT OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
MOC207M FAIRCHILD-MOC207M Datasheet
2Mb / 10P
Small Outline Optocouplers Transistor Output
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com