Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOC2A6010 Datasheet (PDF) - Motorola, Inc

MOC2A6010 Datasheet PDF - Motorola, Inc
Part # MOC2A6010
Download  MOC2A6010 Download
File Size   203.82 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description OPTOISOLATOR 2 AMP ZERO CROSS TRIAC OUTPUT 600 VOLTS

MOC2A6010 Datasheet (PDF)

Go To PDF Page Download Datasheet
MOC2A6010 Datasheet PDF - Motorola, Inc

Part # MOC2A6010
Download  MOC2A6010 Click to download

File Size   203.82 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description OPTOISOLATOR 2 AMP ZERO CROSS TRIAC OUTPUT 600 VOLTS

MOC2A6010 Datasheet (HTML) - Motorola, Inc


MOC2A6010 Product details

POWER OPTO™ Isolator

2 Amp Zero–Cross Triac Output



This device consists of a gallium arsenide infrared emitting diode optically coupled to a zero–cross triac driver circuit and a power triac. It is capable of driving a load of up to 2 amps (rms) directly, on line voltages from 20 to 280 volts ac (rms).



• Provides Normally Open Solid State AC Output with 2 Amp Rating

• 70 Amp Single Cycle Surge Capability

• Zero–Voltage Turn–on and Zero–Current Turn–off

• High Input–Output Isolation of 3750 vac (rms)

• Static dv/dt Rating of 400 Volts/µs Guaranteed

• 2 Amp Pilot Duty Rating Per UL508 117 (Overload Test) and 118 (Endurance Test) [File No. 129224]

• CSA Approved [File No. CA77170–1].

• SEMKO Approved Certificate #9507228

• Exceeds NEMA 2–230 and IEEE472 Noise Immunity Test Requirements (See Fig.14)



 




Similar Part No. - MOC2A6010

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC2A60-10 MOTOROLA-MOC2A60-10 Datasheet
123Kb / 8P
2 Amp Zero Cross Triac Output
MOC2A60-5 MOTOROLA-MOC2A60-5 Datasheet
123Kb / 8P
2 Amp Zero Cross Triac Output
More results


Similar Description - MOC2A6010

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC2R6010 MOTOROLA-MOC2R6010 Datasheet
228Kb / 8P
OPTOISOLATOR 2 AMPS RANDOM-PHASE TRIAC OUTPUT 600 VOLTS
MOCZ500 MOTOROLA-MOCZ500 Datasheet
222Kb / 8P
OPTOISOLATOR ZERO CROSS TRIAC OUTPUT
logo
NTE Electronics
NTE3047 NTE-NTE3047 Datasheet
21Kb / 2P
Optoisolator TRIAC Driver Output
NTE3048 NTE-NTE3048 Datasheet
20Kb / 2P
Optoisolator TRIAC Driver Output
NTE3049 NTE-NTE3049 Datasheet
21Kb / 2P
Optoisolator Zero Crossing TRIAC Driver
NTE3097 NTE-NTE3097 Datasheet
22Kb / 2P
Optoisolator Zero Crossing TRIAC Driver
logo
Motorola, Inc
MOC2A60-10 MOTOROLA-MOC2A60-10 Datasheet
123Kb / 8P
2 Amp Zero Cross Triac Output
logo
Sharp Corporation
PR29MF21NSZ SHARP-PR29MF21NSZ_04 Datasheet
318Kb / 15P
Zero Cross type DIP 8pin Triac output SSR
PR36MF51NSZF SHARP-PR36MF51NSZF Datasheet
253Kb / 14P
Non-Zero Cross type DIP 8pin Triac output SSR
PR21HD22NSZ SHARP-PR21HD22NSZ Datasheet
250Kb / 13P
IT(rms) 1.5A, Low trigger current Zero Cross type Zero Cross type Triac output SSR
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com