Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS32A Datasheet (PDF) - Microdiode Semiconductor (Shenzhen) Co., Ltd

SS32A Datasheet PDF - Microdiode Semiconductor (Shenzhen) Co., Ltd
Part # SS32A
Download  SS32A Download
File Size   390.59 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SS32A Datasheet (PDF)

Go To PDF Page Download Datasheet
SS32A Datasheet PDF - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SS32A
Download  SS32A Click to download

File Size   390.59 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SS32A Datasheet (HTML) - Microdiode Semiconductor (Shenzhen) Co., Ltd


SS32A Product details

FEATURES

The plastic package carries Underwriters Laboratory Flammability Classification 94V-0

For surface mounted applications

Low reverse leakage

Built-in strain relief,ideal for automated placement

High forward surge current capability

High temperature soldering guaranteed: 250 C/10 seconds at terminals



MECHANICAL DATA

Case: JEDEC DO-214AC molded plastic body

Terminals: leads solderable per MIL-STD-750, Method 2026

Polarity: Color band denotes cathode end

Mounting Position: Any

Weight:0.002 ounce, 0.07 grams




Similar Part No. - SS32A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
SS32A TAITRON-SS32A Datasheet
202Kb / 4P
3.0A Surface Mount Schottky Rectifier
logo
Diotech Company.
SS32A DIOTECH-SS32A Datasheet
690Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS32A YANGJIE-SS32A Datasheet
174Kb / 2P
Schottky Rectifier
logo
Rugao Dachang Electroni...
SS32A DACHANG-SS32A Datasheet
115Kb / 2P
Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 100 V Forward Current 3.0 A
logo
Tiger Electronic Co.,Lt...
SS32A TGS-SS32A Datasheet
678Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SS32A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com