Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOC3041 Datasheet (PDF) - Motorola, Inc

MOC3041 Datasheet PDF - Motorola, Inc
Part # MOC3041
Download  MOC3041 Download
File Size   292.54 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 6-Pin DIP Zero-Cross Optoisolators Triac Driver Output

MOC3041 Datasheet (PDF)

Go To PDF Page Download Datasheet
MOC3041 Datasheet PDF - Motorola, Inc

Part # MOC3041
Download  MOC3041 Click to download

File Size   292.54 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 6-Pin DIP Zero-Cross Optoisolators Triac Driver Output

MOC3041 Datasheet (HTML) - Motorola, Inc


MOC3041 Product details

The MOC3041, MOC3042 and MOC3043 devices consist of gallium arsenide infrared emitting diodes optically coupled to a monolithic silicon detector performing the function of a Zero Voltage Crossing bilateral triac driver.
They are designed for use with a triac in the interface of logic systems to equipment powered from 115 Vac lines, such as solid–state relays, industrial controls, motors, solenoids and consumer appliances, etc.
   
• Simplifies Logic Control of 115 Vac Power
• Zero Voltage Crossing
• dv/dt of 2000 V/µs Typical, 1000 V/µs Guaranteed
• To order devices that are tested and marked per VDE 0884 requirements, the suffix ”V” must be included at end of part number. VDE 0884 is a test option. Recommended for 115/240 Vac(rms) Applications:
• Solenoid/Valve Controls • Temperature Controls
• Lighting Controls • E.M. Contactors
• Static Power Switches • AC Motor Starters
• AC Motor Drives • Solid State Relays
   




Similar Part No. - MOC3041

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MOC3041 ETC-MOC3041 Datasheet
84Kb / 4P
OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
logo
Guangdong Youtai Semico...
MOC3041 UMW-MOC3041 Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3041 UMW-MOC3041 Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3041 UMW-MOC3041 Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3041 UMW-MOC3041 Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
More results


Similar Description - MOC3041

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3061 MOTOROLA-MOC3061 Datasheet
290Kb / 6P
6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3081 MOTOROLA-MOC3081 Datasheet
291Kb / 6P
6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
Fairchild Semiconductor
MOC3031M FAIRCHILD-MOC3031M Datasheet
520Kb / 11P
6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3081M FAIRCHILD-MOC3081M Datasheet
543Kb / 11P
6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3081M FAIRCHILD-MOC3081M_05 Datasheet
537Kb / 11P
6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3081 FAIRCHILD-MOC3081 Datasheet
167Kb / 11P
6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
logo
Everlight Electronics C...
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
logo
Fairchild Semiconductor
MOC3081 FAIRCHILD-MOC3081 Datasheet
293Kb / 11P
6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3082M FAIRCHILD-MOC3082M Datasheet
293Kb / 11P
6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3041T-M FAIRCHILD-MOC3041T-M Datasheet
278Kb / 12P
6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com