Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPW65R019C7 Datasheet (PDF) - Infineon Technologies AG

IPW65R019C7 Datasheet PDF - Infineon Technologies AG
Part # IPW65R019C7
Download  IPW65R019C7 Download
File Size   2025.59 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 650V CoolMOS??C7 Power Transistor

IPW65R019C7 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPW65R019C7 Datasheet PDF - Infineon Technologies AG

Part # IPW65R019C7
Download  IPW65R019C7 Click to download

File Size   2025.59 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 650V CoolMOS??C7 Power Transistor

IPW65R019C7 Datasheet (HTML) - Infineon Technologies AG


IPW65R019C7 Product details

Description
CoolMOS™ is a revolutionary technology for high voltage power MOSFETs, designed according to the superjunction (SJ) principle and pioneered by Infineon Technologies.
CoolMOS™ C7 series combines the experience of the leading SJ MOSFET supplier with high class innovation. The product portfolio provides all benefits of fast switching superjunction MOSFETs offering better efficiency, reduced gate charge, easy implementation and outstanding reliability.

Features
• Increased MOSFET dv/dt ruggedness
• Better efficiency due to best in class FOM RDS(on)*Eoss and RDS(on)*Qg
• Best in class RDS(on) /package
• Easy to use/drive
• Pb-free plating, halogen free mold compound
• Qualified for industrial grade applications according to JEDEC (J-STD20 and JESD22)

Benefits
• Enabling higher system efficiency
• Enabling higher frequency / increased power density solutions
• System cost / size savings due to reduced cooling requirements
• Higher system reliability due to lower operating temperatures

Applications
  PFC stages and hard switching PWM stages for e.g. Computing, Server, Telecom, UPS and Solar.




Similar Part No. - IPW65R019C7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW65R018CFD7 INFINEON-IPW65R018CFD7 Datasheet
1Mb / 14P
650V CoolMOS짧 CFD7 SJ Power Device
Rev.2.0,2021-04-19
IPW65R018CM8 INFINEON-IPW65R018CM8 Datasheet
1Mb / 15P
MOSFET 650V CoolMOS™ CM8 Power Transistor
Revision 2.1 2025-03-07
More results


Similar Description - IPW65R019C7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB65R045C7 INFINEON-IPB65R045C7 Datasheet
1Mb / 15P
650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-18
IPB65R225C7 INFINEON-IPB65R225C7 Datasheet
1Mb / 15P
650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-18
IPL65R130C7 INFINEON-IPL65R130C7 Datasheet
1Mb / 15P
650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-29
IPL65R230C7 INFINEON-IPL65R230C7 Datasheet
1Mb / 15P
650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-29
IPP65R045C7 INFINEON-IPP65R045C7 Datasheet
1Mb / 15P
650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-18
IPP65R225C7 INFINEON-IPP65R225C7 Datasheet
1Mb / 15P
650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-18
IPZ65R019C7 INFINEON-IPZ65R019C7 Datasheet
1Mb / 15P
650V CoolMOS??C7 Power Transistor
Rev.2.0
IPZ65R045C7 INFINEON-IPZ65R045C7 Datasheet
1Mb / 15P
650V CoolMOS??C7 Power Transistor
Rev.2.0
IPA65R095C7 INFINEON-IPA65R095C7 Datasheet
1Mb / 15P
650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-10-18
IPA65R045C7 INFINEON-IPA65R045C7 Datasheet
1Mb / 15P
650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-10-18
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com