Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW57N65M5-4 Datasheet (PDF) - STMicroelectronics

STW57N65M5-4 Datasheet PDF - STMicroelectronics
Part # STW57N65M5-4
Download  STW57N65M5-4 Download
File Size   1222.03 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 650 V, 0.056typ., 42 A, MDmesh??V Power MOSFET in a TO247-4 package

STW57N65M5-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
STW57N65M5-4 Datasheet PDF - STMicroelectronics

Part # STW57N65M5-4
Download  STW57N65M5-4 Click to download

File Size   1222.03 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 650 V, 0.056typ., 42 A, MDmesh??V Power MOSFET in a TO247-4 package

STW57N65M5-4 Datasheet (HTML) - STMicroelectronics


STW57N65M5-4 Product details

Description
This device is an N-channel MDmesh™ V Power MOSFET based on an innovative proprietary vertical process technology, which is combined with STMicroelectronics’ well-known PowerMESH™ horizontal layout structure. The resulting product has extremely low on resistance, which is unmatched among silicon-based Power MOSFETs, making it especially suitable for applications which require superior power density and outstanding efficiency.

Features
• Higher VDS rating
• Higher dv/dt capability
• Excellent switching performance thanks to the extra driving source pin
• Easy to drive
• 100% avalanche tested

Applications
• High efficiency switching applications:
   – Servers
   – PV inverters
   – Telecom infrastructure
   – Multi kW battery chargers




Similar Part No. - STW57N65M5-4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW57N65M5 STMICROELECTRONICS-STW57N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™V Power MOSFET in I²PAK, TO-220, TO-220FP and D²PAK packages
04-Dec-2012
logo
Inchange Semiconductor ...
STW57N65M5 ISC-STW57N65M5 Datasheet
417Kb / 2P
Isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STW57N65M5 STMICROELECTRONICS-STW57N65M5_V01 Datasheet
1,021Kb / 17P
N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™ V Power MOSFETs in TO-247 and TO-247 long leads packages
13-Dec-2013
More results


Similar Description - STW57N65M5-4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF57N65M5 STMICROELECTRONICS-STF57N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™V Power MOSFET in I²PAK, TO-220, TO-220FP and D²PAK packages
04-Dec-2012
STW57N65M5 STMICROELECTRONICS-STW57N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™V Power MOSFET in I²PAK, TO-220, TO-220FP and D²PAK packages
04-Dec-2012
STL57N65M5 STMICROELECTRONICS-STL57N65M5 Datasheet
1Mb / 16P
N-channel 650 V, 0.061 廓 typ., 22.5 A MDmesh??V Power MOSFET in a PowerFLAT??8x8 HV package
25-Jan-2013
STY145N65M5 STMICROELECTRONICS-STY145N65M5 Datasheet
788Kb / 13P
N-channel 650 V, 0.012 廓 typ., 138 A, MDmesh??V Power MOSFET in Max247 package
17-Jan-2013
STY139N65M5 STMICROELECTRONICS-STY139N65M5 Datasheet
971Kb / 13P
N-channel 650 V, 0.014 Ω typ., 130 A, MDmesh™V Power MOSFET in Max247 package
24-Jan-2013
STB57N65M5 STMICROELECTRONICS-STB57N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.056 typ., 42 A MDmesh V Power MOSFET
04-Dec-2012
STW56N65DM2 STMICROELECTRONICS-STW56N65DM2 Datasheet
719Kb / 12P
N-channel 650 V, 0.058 Ω typ., 48 A MDmesh™ DM2 Power MOSFET in a TO-247 package
15-Sep-2015
STFI20NM65N STMICROELECTRONICS-STFI20NM65N Datasheet
783Kb / 12P
N-channel 650 V, 15 A, 0.250 Ω typ., MDmesh™II Power MOSFET in a I²PAKFP package
20-Dec-2013
STW68N65DM6-4AG STMICROELECTRONICS-STW68N65DM6-4AG Datasheet
263Kb / 12P
Automotive N-channel 650 V, 33 mΩ typ., 72 A MDmesh DM6 Power MOSFET in a TO247?? package
Rev 2 - July 2020
STW38N65M5-4 STMICROELECTRONICS-STW38N65M5-4 Datasheet
393Kb / 13P
N-channel 650 V, 0.073 typ., 30 A MDmesh M5 Power MOSFET in a TO247-4 package
20-Apr-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com