Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI22NM60N Datasheet (PDF) - STMicroelectronics

STI22NM60N Datasheet PDF - STMicroelectronics
Part # STI22NM60N
Download  STI22NM60N Download
File Size   994.47 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 600 V, 0.2 廓, 16 A MDmesh??II Power MOSFET

STI22NM60N Datasheet (PDF)

Go To PDF Page Download Datasheet
STI22NM60N Datasheet PDF - STMicroelectronics

Part # STI22NM60N
Download  STI22NM60N Click to download

File Size   994.47 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 600 V, 0.2 廓, 16 A MDmesh??II Power MOSFET

STI22NM60N Datasheet (HTML) - STMicroelectronics


STI22NM60N Product details

Description
These devices are made using the second generation of MDmesh™ technology. This revolutionary Power MOSFET associates a new vertical structure to the company’s strip layout to yield one of the world’s lowest on-resistance and gate charge. It is therefore suitable for the most demanding high efficiency converters.

Features
■ 100% avalanche tested
■ Low input capacitance and gate charge
■ Low gate input resistance

Application
    Switching applications




Similar Part No. - STI22NM60N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STI22NM60N ISC-STI22NM60N Datasheet
338Kb / 2P
Isc N-Channel MOSFET Transistor
More results


Similar Description - STI22NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW43NM60N STMICROELECTRONICS-STW43NM60N Datasheet
500Kb / 12P
N-channel 600 V, 0.075 Ω, 35 A MDmesh??II Power MOSFET TO-247
14-Jan-2009
STL13NM60N STMICROELECTRONICS-STL13NM60N Datasheet
835Kb / 14P
N-channel 600 V, 0.320 Ω, 10 A PowerFLAT??(8x8) HV MDmesh??II Power MOSFET
23-May-2011
STL18NM60N STMICROELECTRONICS-STL18NM60N Datasheet
610Kb / 14P
N-channel 600 V, 0.260 Ω, 6 A PowerFLAT™8x8 HV MDmesh™II Power MOSFET
03-Nov-2011
STL24NM60N STMICROELECTRONICS-STL24NM60N Datasheet
564Kb / 14P
N-channel 600 V, 0.200 Ω, 16 A PowerFLAT™8x8 HV MDmesh™II Power MOSFET
10-Nov-2011
STF24NM60N STMICROELECTRONICS-STF24NM60N Datasheet
996Kb / 19P
N-channel 600 V, 0.168 廓, 17 A MDmesh??II Power MOSFET
22-Aug-2011
STW56NM60N STMICROELECTRONICS-STW56NM60N Datasheet
415Kb / 11P
N-channel 600 V, 0.05 Ω, 45 A TO-247 MDmesh™II Power MOSFET
18-Jul-2011
STB24NM60N STMICROELECTRONICS-STB24NM60N Datasheet
899Kb / 15P
N-channel 600 V, 0.168, 17 A MDmesh II Power MOSFET
STD3NM60N STMICROELECTRONICS-STD3NM60N Datasheet
909Kb / 15P
N-channel 600 V, 1.6 廓, 3.3 A, MDmesh??II Power MOSFET in DPAK package
10-May-2012
STF13NM60N-H STMICROELECTRONICS-STF13NM60N-H Datasheet
791Kb / 13P
N-channel 600 V, 0.28 廓, 11 A MDmesh??II Power MOSFET in TO-220FP
08-Jan-2010
STFI13NM60N STMICROELECTRONICS-STFI13NM60N Datasheet
782Kb / 12P
N-channel 600 V, 0.28 Ω, 11 A MDmesh™II Power MOSFET in I²PAKFP package
15-May-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com