Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSL0805 Datasheet (PDF) - Vishay Siliconix

WSL0805 Datasheet PDF - Vishay Siliconix
Part # WSL0805
Download  WSL0805 Download
File Size   51.53 Kbytes
Page   1 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description WSL TYPE ZERO OHM JUMPER

WSL0805 Datasheet (PDF)

Go To PDF Page Download Datasheet
WSL0805 Datasheet PDF - Vishay Siliconix

Part # WSL0805
Download  WSL0805 Click to download

File Size   51.53 Kbytes
Page   1 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description WSL TYPE ZERO OHM JUMPER

WSL0805 Datasheet (HTML) - Vishay Siliconix


WSL0805 Product details

FEATURES
• All welded construction of the Power Metal
   Strip® resistors are ideal for all types of current
   sensing, voltage division and pulse applications
• Proprietary processing technique produces
   extremely low resistance values (down to 0.0005 Ω)
• Construction is unaffected by high sulfur environments
• Very low inductance 0.5 nH to 5 nH
• Low thermal EMF (< 3 μV/°C)
• AEC-Q200 qualified (1)
• Material categorization: for definitions of compliance
   please see www.vishay.com/doc?99912




Similar Part No. - WSL0805

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL0805 VISHAY-WSL0805 Datasheet
119Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
10-Nov-08
WSL0805 VISHAY-WSL0805 Datasheet
120Kb / 3P
Power Metal Strip® Resistors, High Power (2 x Standard WSL), Low Value (down to 0.001 Ω), Surface Mount
10-Nov-08
WSL0805 VISHAY-WSL0805 Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
WSL0805 VISHAY-WSL0805 Datasheet
86Kb / 3P
Power Metal Strip Resistors, Low Value (Down to 0.0005 Ohm), Surface Mount
06-Jun-12
WSL0805 VISHAY-WSL0805 Datasheet
95Kb / 3P
Power Metal Strip® Resistors, High Power (2 x Standard WSL), Low Value (Down to 0.0005Ohm), Surface Mount
09-Sep-11
More results


Similar Description - WSL0805

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73Z1EL KOA-RK73Z1EL Datasheet
88Kb / 2P
zero ohm jumper chip resistor
CNZ1HAT KOA-CNZ1HAT Datasheet
98Kb / 2P
zero ohm jumper resistor array
logo
Dubilier
DZ025T DUBILIER-DZ025T Datasheet
97Kb / 1P
RESISTORS ZERO-OHM JUMPER DCO/DZO
logo
RFE international
ZR25R-0R0-W RFE-ZR25R-0R0-W Datasheet
86Kb / 1P
HIGH-MEG OHM RESISTORS ZERO OHM & JUMPER WIRE
logo
KOA Speer Electronics, ...
CNZ1J4ATTD KOA-CNZ1J4ATTD Datasheet
259Kb / 2P
zero ohm jumper resistor array
RK73Z2BTTD KOA-RK73Z2BTTD Datasheet
206Kb / 2P
zero ohm jumper chip resistor
logo
Dubilier
DZ025T DUBILIER-DZ025T_11 Datasheet
176Kb / 1P
RESISTORS ZERO-OHM JUMPER DCO/DZO
logo
Vishay Siliconix
FRJ55R36 VISHAY-FRJ55R36 Datasheet
96Kb / 3P
Metal Film Resistors, Zero Ohm Jumper, Industrial
24-Oct-12
logo
KOA Speer Electronics, ...
CNZ KOA-CNZ Datasheet
386Kb / 2P
zero ohm jumper resistor array
RK73Z KOA-RK73Z Datasheet
364Kb / 2P
zero ohm jumper chip resistor
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com