Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS028028006-PF-9E Datasheet (PDF) - Advanced Thermal Solutions, Inc.

ATS028028006-PF-9E Datasheet PDF - Advanced Thermal Solutions, Inc.
Part # ATS028028006-PF-9E
Download  ATS028028006-PF-9E Download
File Size   390.28 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description 28.00 x 28.00 x 6.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Custom Pin Fin

ATS028028006-PF-9E Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS028028006-PF-9E Datasheet PDF - Advanced Thermal Solutions, Inc.

Part # ATS028028006-PF-9E
Download  ATS028028006-PF-9E Click to download

File Size   390.28 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description 28.00 x 28.00 x 6.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Custom Pin Fin

ATS028028006-PF-9E Datasheet (HTML) - Advanced Thermal Solutions, Inc.


ATS028028006-PF-9E Product details

Features & Benefits
High efficiency pin fin design provides low pressure drop characteristics
Large surface area increases heat sink performance
Fabricated from extruded aluminum, which minimizes thermal resistance from the base to the fins, reduces weight and keeps costs low
Comes standard without interface material or with most common pressure sensitive thermal tapes as a custom option




Similar Part No. - ATS028028006-PF-9E

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS028028006-PF018 ATS-ATS028028006-PF018 Datasheet
71Kb / 1P
Cross Cut Heatsink Data Sheet
ATS028028006-PF018 ATS-ATS028028006-PF018_17 Datasheet
240Kb / 1P
Excellent balance of low cost and high performance in an aluminum heat sink.
Rev - 040517
More results


Similar Description - ATS028028006-PF-9E

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS028028002-PF-9A ATS-ATS028028002-PF-9A Datasheet
390Kb / 1P
28.00 x 28.00 x 2.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Custom Pin Fin
Rev - 050413
ATS028028004-PF-9C ATS-ATS028028004-PF-9C Datasheet
390Kb / 1P
28.00 x 28.00 x 4.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Custom Pin Fin
Rev - 050413
ATS028028007-PF-9F ATS-ATS028028007-PF-9F Datasheet
390Kb / 1P
28.00 x 28.00 x 7.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Custom Pin Fin
Rev - 050413
ATS028028011-PF-9J ATS-ATS028028011-PF-9J Datasheet
390Kb / 1P
28.00 x 28.00 x 11.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Custom Pin Fin
Rev - 050413
ATS028028013-PF-9L ATS-ATS028028013-PF-9L Datasheet
390Kb / 1P
28.00 x 28.00 x 13.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Custom Pin Fin
Rev - 050413
ATS028028014-PF-9M ATS-ATS028028014-PF-9M Datasheet
390Kb / 1P
28.00 x 28.00 x 14.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Custom Pin Fin
Rev - 050413
ATS028028023-PF-9V ATS-ATS028028023-PF-9V Datasheet
390Kb / 1P
28.00 x 28.00 x 23.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Custom Pin Fin
Rev - 050413
ATS028028024-PF-9W ATS-ATS028028024-PF-9W Datasheet
390Kb / 1P
28.00 x 28.00 x 24.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Custom Pin Fin
Rev - 050413
ATS028028006-MF-9E ATS-ATS028028006-MF-9E Datasheet
420Kb / 1P
28.00 x 28.00 x 6.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Slant Fin
Rev - 040413
ATS028028006-SF-9E ATS-ATS028028006-SF-9E Datasheet
418Kb / 1P
28.00 x 28.00 x 6.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 040413
More results




About Advanced Thermal Solutions, Inc.


Advanced Thermal Solutions, Inc (ATS) is a leading provider of thermal management solutions for a variety of industries including electronics, telecommunications, and medical devices.

The company was founded in 2003 and is headquartered in Norwood, Massachusetts, USA.

ATS offers a wide range of products including thermal interface materials, heat sinks, fans, and other cooling solutions.

The company is known for its expertise in thermal management, innovation, and high-quality products.

ATS works closely with customers to provide customized thermal management solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com