Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM1608G Datasheet (PDF) - TDK Electronics

TCM1608G Datasheet PDF - TDK Electronics
Part # TCM1608G
Download  TCM1608G Download
File Size   101.61 Kbytes
Page   7 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description For high-speed differential signal line (USB2.0, LVDS, etc.)

TCM1608G Datasheet (PDF)

Go To PDF Page Download Datasheet
TCM1608G Datasheet PDF - TDK Electronics

Part # TCM1608G
Download  TCM1608G Click to download

File Size   101.61 Kbytes
Page   7 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description For high-speed differential signal line (USB2.0, LVDS, etc.)

TCM1608G Datasheet (HTML) - TDK Electronics


TCM1608G Product details

TCM Series TCM0605G

FEATURES
• Smallest thin-film common mode filter in the industry at L0.65W0.5T0.3mm.
• Effectively suppresses radiated noise due to common mode noise without affecting the transmission of high-speed differential signals.
• This product contains no lead and supports lead-free soldering.

APPLICATIONS
• High speed interface(USB2.0, MIPI, LVDS, IEEE1394 and HDMI, etc.) in electronics devices.
• Portable audio, digital cellular phones, DVC, DSC, notebook PCs, PDP/LCD/DLP/PJ TVs, DVD players, amusement machines, etc.

TCM Series TCM0806G

FEATURES
• The TCM0806G (L0.85W0.65T0.4mm) is a compact thin-film common mode filter.
• By providing wide bandwidth (cutoff frequency: 3GHz) for differential mode, this product has almost no effect for highspeed differential signals and can suppress the radiated emission.
• This product contains no lead and supports lead-free soldering.

APPLICATIONS
• High speed interface(LVDS, IEEE1394 and USB2.0) in electronics devices.
• Portable audio, digital cellular phones, DVC, DSC, PDP/LCD/DLP/PJ TVs, DVD players, notebook PCs, amusement machines, etc.

TCM Series TCM1608G

FEATURES
• The TCM1608G (L1.6W0.8T0.4mm) is a dual-circuit modularized thin-film common mode filter array.
• By providing wide bandwidth (cutoff frequency: 3GHz) for differential mode, this product has almost no effect for highspeed differential signals and can suppress the radiated emission.
• This product contains no lead and supports lead-free soldering.

APPLICATIONS
• High speed interface(LVDS, IEEE1394 and USB2.0) in electronics devices.
• PDP/LCD/DLP/PJ TVs, DVD players, notebook PCs, DVC, DSC, amusement machines, portable audio, digital cellular phones, etc.




Similar Part No. - TCM1608G

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TCM1608G TDK-TCM1608G Datasheet
55Kb / 2P
Common Mode Filters(SMD) For High-speed Differential Signal Line
TCM1608G2014PT TDK-TCM1608G2014PT Datasheet
55Kb / 2P
Common Mode Filters(SMD) For High-speed Differential Signal Line
More results


Similar Description - TCM1608G

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV3486 PERICOM-PI90LV3486 Datasheet
265Kb / 9P
LVDS High-Speed Differential Line Receivers
logo
TDK Electronics
ACM2012-900-2P-T002 TDK-ACM2012-900-2P-T002 Datasheet
90Kb / 4P
For high-speed differential signal line/general signal line
ACM4532-102-3P-T TDK-ACM4532-102-3P-T Datasheet
129Kb / 6P
For high-speed differential signal line/general signal line
logo
Pericom Semiconductor C...
PI90LV9637 PERICOM-PI90LV9637_08 Datasheet
647Kb / 8P
LVDS High-Speed Differential Line Receivers
logo
TDK Electronics
ACM2012E TDK-ACM2012E Datasheet
244Kb / 9P
For high-speed differential signal line, general differential signal line
ACM2012E-670-2P-T00 TDK-ACM2012E-670-2P-T00 Datasheet
244Kb / 9P
For high-speed differential signal line, general differential signal line
ACM2012H-T00 TDK-ACM2012H-T00 Datasheet
165Kb / 7P
For ultra high-speed differential signal line
ACM2012H-T05 TDK-ACM2012H-T05 Datasheet
159Kb / 7P
For ultra high-speed differential signal line
ACM2520-301-2P-T002 TDK-ACM2520-301-2P-T002 Datasheet
186Kb / 9P
For high-speed differential signal line, general differential signal lines
TCM0403R TDK-TCM0403R Datasheet
193Kb / 4P
Common mode filters High-speed differential signal line (USB2.0, LVDS, etc.)
20200721
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com