Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5084 Datasheet (PDF) - General Cable Technologies Corporation

C5084 Datasheet PDF - General Cable Technologies Corporation
Part # C5084
Download  C5084 Download
File Size   73.19 Kbytes
Page   1 Pages
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation
Description 4C 18 16/30 BC PVC PE Sound, Alarm & Security Cable

C5084 Datasheet (PDF)

Go To PDF Page Download Datasheet
C5084 Datasheet PDF - General Cable Technologies Corporation

Part # C5084
Download  C5084 Click to download

File Size   73.19 Kbytes
Page   1 Pages
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation
Description 4C 18 16/30 BC PVC PE Sound, Alarm & Security Cable

C5084 Datasheet (HTML) - General Cable Technologies Corporation


C5084 Product details

CONSTRUCTION
   Conductor: #18 AWG 16/30 Bare Copper
   Insulation: 0.016" Wall Polyvinyl Chloride
   Cabl 4C @ 4.00" LHL
   Jacket: 0.030” Wall Polyvinyl Chloride




Similar Part No. - C5084

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C508 INFINEON-C508 Datasheet
1Mb / 93P
8-Bit CMOS Microcontroller
August 2000
logo
Vectron International, ...
C508 VECTRON-C508 Datasheet
410Kb / 4P
OCXO Surface Mount Package Optional Reflow Process Compatible Optional AT-Cut and SC-Cut Crystal Options Low Profile Compact Package
logo
Infineon Technologies A...
C508 INFINEON-C508 Datasheet
2Mb / 267P
8-Bit CMOS Microcontroller
2001-05
logo
Powerbox
C508 POWERBOX-C508 Datasheet
405Kb / 1P
250 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Baumer IVO GmbH & Co. K...
C5080 IVO-C5080 Datasheet
83Kb / 1P
My-Com precision switches
More results


Similar Description - C5084

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C4412 GENERAL-C4412 Datasheet
73Kb / 1P
4C 22 SOLID BC PVC NS PVC Sound, Alarm & Security Cable
C5076 GENERAL-C5076 Datasheet
73Kb / 1P
4C 22 7/30 BC PVC PE Sound, Alarm & Security Cable
C5078 GENERAL-C5078 Datasheet
73Kb / 1P
4C 20 10/30 BC PVC PE Sound, Alarm & Security Cable
C5096 GENERAL-C5096 Datasheet
73Kb / 1P
8C 22 7/30 BC PVC PE Sound, Alarm & Security Cable
C5460 GENERAL-C5460 Datasheet
73Kb / 1P
2C 18 16/30 BC PVC PE Sound, Alarm & Security Cable
E1001S GENERAL-E1001S Datasheet
73Kb / 1P
4C 22 SOLID BC SR-PVC PVC Sound, Alarm & Security Cable
E1004S GENERAL-E1004S Datasheet
73Kb / 1P
4C 22 AWG 7/30 BC SR-PVC PVC Sound, Alarm & Security Cable
E1034S GENERAL-E1034S Datasheet
73Kb / 1P
4C 18 7/26 BC SR-PVC PVC Sound, Alarm & Security Cable
E1044S GENERAL-E1044S Datasheet
73Kb / 1P
4C 16 19/0.0117 BC SR-PVC PVC Sound, Alarm & Security Cable
E2034S GENERAL-E2034S Datasheet
74Kb / 1P
4C 18 7/26 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com