Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC49US Datasheet (PDF) - ILSI America LLC

HC49US Datasheet PDF - ILSI America LLC
Part # HC49US
Download  HC49US Download
File Size   49.41 Kbytes
Page   2 Pages
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC
Description 2 Lead Metal Package Quartz Crystal, 4.7 mm x 11 mm

HC49US Datasheet (PDF)

Go To PDF Page Download Datasheet
HC49US Datasheet PDF - ILSI America LLC

Part # HC49US
Download  HC49US Click to download

File Size   49.41 Kbytes
Page   2 Pages
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC
Description 2 Lead Metal Package Quartz Crystal, 4.7 mm x 11 mm

HC49US Datasheet (HTML) - ILSI America LLC


HC49US Product details

Product Features:

    Low Cost Package

    RoHs Compliant

    Compatible with Leadfree Processing



Applications:

    Fibre Channel

    Server & Storage

    Sonet /SDH

    802.11 / Wifi

    T1/E1, T3/E3




Similar Part No. - HC49US

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
HC49US AURIS-HC49US Datasheet
161Kb / 1P
Quartz THT
logo
List of Unclassifed Man...
HC49US ETC-HC49US Datasheet
818Kb / 1P
AT-CUT CRYSTAL UNIT
logo
auris-GmbH
HC49US AURIS-HC49US Datasheet
498Kb / 1P
Quartz THT
logo
CITIZEN ELECTRONICS CO....
HC49US CITIZEN-HC49US Datasheet
819Kb / 1P
AT-CUT CRYSTAL UNIT
logo
Advanced Crystal Techno...
HC49US-SMX ACT-HC49US-SMX Datasheet
201Kb / 2P
Crystal unit
1/2/2017
More results


Similar Description - HC49US

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
39-BB0F18-20.000 ILSI-39-BB0F18-20.000 Datasheet
49Kb / 2P
2 Lead Metal Package Quartz Crystal, 3 mm x 10 mm
HC49USM-BB0F18-20.000 ILSI-HC49USM-BB0F18-20.000 Datasheet
54Kb / 2P
2 Pad Metal Package, 4.7 mm x 13.3 mm
ILCX09-BB0F18-20.000 ILSI-ILCX09-BB0F18-20.000 Datasheet
53Kb / 2P
2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
HC49USM4 ILSI-HC49USM4 Datasheet
50Kb / 2P
4 Pad Metal Package Quartz Crystal, 4.8 mm x 12.5 mm
ILCX03 ILSI-ILCX03 Datasheet
58Kb / 2P
2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
ILCX10 ILSI-ILCX10 Datasheet
53Kb / 2P
2 Pad Ceramic Package Quartz Crystal, 5 mm x 7 mm
HC49USM ILSI-HC49USM Datasheet
65Kb / 2P
2 Pad Metal Package, 4.7 mm x 13.3 mm
ILCX09 ILSI-ILCX09 Datasheet
56Kb / 2P
2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
HC49U ILSI-HC49U Datasheet
49Kb / 2P
2 Lead Metal Package Quartz Crystal, 4.7 mm x 11 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com